Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST7180SM Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FST7180SM
Description  70 Amp Rectifier 20 to 100 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FST7180SM Datasheet(HTML) 1 Page - Micro Commercial Components

  FST7180SM Datasheet HTML 1Page - Micro Commercial Components FST7180SM Datasheet HTML 2Page - Micro Commercial Components FST7180SM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FST7120SM
THRU
FST71100SM
70 Amp
Rectifier
20 to 100 Volts
Features
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
FST7120SM
20V
14V
20V
FST7130SM
30V
21V
30V
FST7135SM
35V
24.5V
35V
FST7140SM
40V
28V
40V
FST7145SM
45V
31.5V
45V
FST7160SM
60V
42V
60V
FST7180SM
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
70 A
TA =
100°C
Peak Forward Surge
Current
IFSM
800A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 30.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0 mA T
A = 25
°C
Typical Junction
Capacitance
CJ
240pF
Measured at
1.0MHz, VR=4.0V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.220
NOM
5.08
NOM
2PL
A
1.180
1.195
29.97
30.35
C
.027
.037
0.69
0.94
E
.350
.370
8.89
9.40
F
1.490
1.510
37.85
38.35
G
.695
.715
17.65
18.16
H
.088
.098
2.24
2.49
J
.240
.260
6.10
6.60
K
.115
.135
2.92
3.43
M
.065
.085
1.65
2.16
N
.151
.161
3.84
4.09
P
.015
.025
0.38
0.64
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
FST7120-7145SM
FST7160SM
FST7180-71100SM
.50 V
.84 V
.75 V
FST71100SM
100V
70V
100V
F
A
E
P
M
B
G
H
J
C
K
L
.230
.250
5.84
6.35
∅
MINIMOD-SM
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - FST7180SM

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FST72100L TEL-FST72100L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST72100SL TEL-FST72100SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7230L TEL-FST7230L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
More results

Similar Description - FST7180SM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com