Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8380SL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FST8380SL
Description  80 Amp Rectifier 60 to 100 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FST8380SL Datasheet(HTML) 1 Page - Micro Commercial Components

  FST8380SL Datasheet HTML 1Page - Micro Commercial Components FST8380SL Datasheet HTML 2Page - Micro Commercial Components FST8380SL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FST8360SL
THRU
FST83100SL
80 Amp
Rectifier
60 to 100 Volts
Features
•
Operating Temperature: -40
°C to +175°C
•
Storage Temperature: -40
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
FST8360SL
60V
42V
60V
FST8380SL
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
80 A
TC =
110°C
Peak Forward Surge
Current
IFSM
800A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.5 mA T
J = 25
°C
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
MINIMOD-SL
DIMENSIONS
INCH ES
MM
DIM
B
.110
.120
2.79
3.04
A
.777
.797
19.74
20.24
C
.027
.037
0.69
0.94
E
.350
.370
8.89
9.40
F
.015
.025
0.38
0.64
G
.695
.715
17.65
18.16
H
.088
.098
2.24
2.49
M
.065
.085
1.65
2.16
L
.230
.250
5.84
6.35
J
.240
.260
6.10
6.60
IFM = 40.0A;
TJ = 25
°C
VF
35 mA T
J = 125
°C
1
2
3
A
E
F
K
G
H
L
MIN
MAX
MIN
MAX
NOTE
J
M
C
B
*Pul se Test: Pulse Width 300
µsec, Duty Cycle
2%
Typical Junction
Capacitance
CJ
1450pF Measured at
1.0MHz, VR=
5.0V
K
.200
REF
5.08
REF
2PL
FST8360SL
FST8380SL-83100SL
.84 V
.75 V
FST83100SL
100V
70V
100V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - FST8380SL

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FST8380SM TEL-FST8380SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
More results

Similar Description - FST8380SL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
FST8060 MCC-FST8060 Datasheet
85Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8120SM MCC-FST8120SM Datasheet
674Kb / 3P
80 Amp Rectifier 20 to 100 Volts Schottky Barrier
FST8460SL MCC-FST8460SL Datasheet
667Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
SR208 MCC-SR208 Datasheet
360Kb / 2P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB280 MCC-SB280 Datasheet
205Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_08 Datasheet
139Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR2010-TP MCC-SR2010-TP Datasheet
249Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB280 MCC-SB280_13 Datasheet
219Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SR208 MCC-SR208_13 Datasheet
249Kb / 3P
2 Amp Schottky Barrier Rectifier 80 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com