Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8160SM Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FST8160SM
Description  80 Amp Rectifier 20 to 100 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FST8160SM Datasheet(HTML) 1 Page - Micro Commercial Components

  FST8160SM Datasheet HTML 1Page - Micro Commercial Components FST8160SM Datasheet HTML 2Page - Micro Commercial Components FST8160SM Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FST8120SM
THRU
FST81100SM
80 Amp
Rectifier
20 to 100 Volts
Features
•
Operating Temperature: -40
°C to +175°C
•
Storage Temperature: -40
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
FST8
120SM
20V
14V
20V
FST8
130SM
30V
21V
30V
FST8
135SM
35V
24.5V
35V
FST8
140SM
40V
28V
40V
FST8
145SM
45V
31.5V
45V
FST8
160SM
60V
42V
60V
FST8
180SM
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
80 A
TC =
110°C
Peak Forward Surge
Current
IFSM
800A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.5 mA T
J = 25
°C
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
FST8
120SM-8145SM
FST8
160SM
FST8
180SM-81100SM
.50 V
.84 V
.75 V
FST8
1100SM
100V
70V
100V
MINIMOD-SM
DIMENSIONS
INCH ES
MM
B
.110
.120
2.79
3.04
A
1.490
1.510
37.85
38.35
C
.027
.037
0.69
0.94
E
.350
.370
8.89
9.40
F
.015
.025
0.38
0.64
G
.695
.715
17.65
18.16
H
.088
.098
2.24
2.49
K
1.180
1.195
29.97
30.35
M
.065
.085
1.65
2.16
N
.151
.161
3.84
4.09
Ø
L
.230
.250
5.84
6.35
J
.240
.260
6.10
6.60
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
IFM = 40.0A;
TJ = 25
°C
VF
500 mA T
J = 125
°C
1
2
3
A
K
E
M
P
G
H
J
L
C
B
DIM
MIN
MAX
MIN
MAX
NOTE
P
.200
REF
5.08
REF
2PL
F
N
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - FST8160SM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST8115 MICROSEMI-FST8115 Datasheet
142Kb / 2P
Schottky Oring Diode
FST8115 MICROSEMI-FST8115 Datasheet
120Kb / 2P
Schottky Diode
FST8115 MICROSEMI-FST8115_10 Datasheet
120Kb / 2P
Schottky Diode
FST8120 MICROSEMI-FST8120 Datasheet
142Kb / 2P
Schottky Oring Diode
FST8120 MICROSEMI-FST8120 Datasheet
120Kb / 2P
Schottky Diode
More results

Similar Description - FST8160SM

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8020 MCC-FST8020 Datasheet
87Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
FST8320SL MCC-FST8320SL Datasheet
667Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
FST8420SL MCC-FST8420SL Datasheet
664Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com