Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8345SL Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FST8345SL
Description  80 Amp Rectifier 20 to 45 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FST8345SL Datasheet(HTML) 1 Page - Micro Commercial Components

  FST8345SL Datasheet HTML 1Page - Micro Commercial Components FST8345SL Datasheet HTML 2Page - Micro Commercial Components FST8345SL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FST8320SL
THRU
FST8345SL
80 Amp
Rectifier
20 to 45 Volts
Features
•
Operating Temperature: -40
°C to +175°C
•
Storage Temperature: -40
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
FST8320SL
20V
14V
20V
FST8330SL
30V
21V
30V
FST8335SL
35V
24.5V
35V
FST8340SL
40V
28V
40V
FST8345SL
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
80 A
TC =
110°C
Peak Forward Surge
Current
IFSM
800A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
3.0 mA T
J = 25
°C
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
FST8320SL-8345SL
.53 V
MINIMOD-SL
DIMENSIONS
INCH ES
MM
DIM
B
.110
.120
2.79
3.04
A
.777
.797
19.74
20.24
C
.027
.037
0.69
0.94
E
.350
.370
8.89
9.40
F
.015
.025
0.38
0.64
G
.695
.715
17.65
18.16
H
.088
.098
2.24
2.49
M
.065
.085
1.65
2.16
L
.230
.250
5.84
6.35
J
.240
.260
6.10
6.60
IFM = 40.0A;
TJ = 25
°C
VF
500 mA T
J = 125
°C
1
2
3
A
E
F
K
G
H
L
MIN
MAX
MIN
MAX
NOTE
J
M
C
B
*Pul se Test: Pulse Width 300
µsec, Duty Cycle
2%
Typical Junction
Capacitance
CJ
2100pF Measured at
1.0MHz, VR=
5.0V
K
.200
REF
5.08
REF
2PL
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - FST8345SL

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FST8345SM TEL-FST8345SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
More results

Similar Description - FST8345SL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST8020 MCC-FST8020 Datasheet
87Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
FST8120SM MCC-FST8120SM Datasheet
674Kb / 3P
80 Amp Rectifier 20 to 100 Volts Schottky Barrier
FST8420SL MCC-FST8420SL Datasheet
664Kb / 3P
80 Amp Rectifier 20 to 45 Volts Schottky Barrier
MBR50020CT MCC-MBR50020CT Datasheet
147Kb / 3P
500 Amp Rectifier 20 to 45 Volts Schottky Barrier
SBL2030FCT MCC-SBL2030FCT Datasheet
384Kb / 2P
20 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
Solid States Devices, I...
SSR8045N SSDI-SSR8045N Datasheet
204Kb / 2P
80 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR8045P SSDI-SSR8045P Datasheet
300Kb / 2P
80 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRL2045CT MCC-MBRL2045CT Datasheet
407Kb / 3P
45 Volts 20 Amp Low Schottky Barrier Rectifier
SR302 MCC-SR302_13 Datasheet
254Kb / 4P
3 Amp Schottky Barrier Rectifier 20 - 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com