Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87331Q3D Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD87331Q3D
Description  Synchronous Buck NexFET??Power Block
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87331Q3D Datasheet(HTML) 2 Page - Texas Instruments

  CSD87331Q3D_15 Datasheet HTML 1Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 2Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 3Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 4Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 5Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 6Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 7Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 8Page - Texas Instruments CSD87331Q3D_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CSD87331Q3D
SLPS283A
– SEPTEMBER 2011 – REVISED JANUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
TA = 25°C (unless otherwise noted)
(1)
VALUE
UNIT
PARAMETER
CONDITIONS
MIN
MAX
VIN to PGND
30
V
VSW to PGND
30
V
Voltage Range
VSW to PGND (10ns)
32
V
TG to TGR
-8
10
V
BG to PGND
-8
10
V
Pulsed Current Rating, IDM
45
A
Power Dissipation, PD
6
W
Sync FET, ID = 42A, L = 0.1mH
88
Avalanche Energy EAS
mJ
Control FET, ID = 24A, L = 0.1mH
29
Operating Junction and Storage Temperature Range, TJ, TSTG
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
TA = 25° (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
MAX
UNIT
Gate Drive Voltage, VGS
4.5
8
V
Input Supply Voltage, VIN
27
V
Switching Frequency, fSW
CBST = 0.1µF (min)
1500
kHz
Operating Current
15
A
Operating Temperature, TJ
125
°C
POWER BLOCK PERFORMANCE
(1)
TA = 25° (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN = 12V, VGS = 5V, VOUT = 1.3V,
Power Loss, PLOSS
(1)
IOUT = 10A, fSW = 500kHz,
1.3
W
LOUT = 1µH, TJ = 25ºC
VIN Quiescent Current, IQVIN
TG to TGR = 0V BG to PGND = 0V
10
µA
(1)
Measurement made with six 10-
µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins and
using a high current 5V driver IC.
THERMAL INFORMATION
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction to ambient thermal resistance (Min Cu)(1)
149
RθJA
Junction to ambient thermal resistance (Max Cu)(1)(2)
80
°C/W
Junction to case thermal resistance (Top of package)(1)
36
RθJC
Junction to case thermal resistance (PGND Pin)
(1)
3.1
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2 oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch
(3.81-cm
× 3.81-cm), 0.06-inch (1.52-mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2) Cu.
2
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com