Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384M Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384M
Description  CSD87384M Synchronous Buck NexFET??Power Block II
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87384M Datasheet(HTML) 12 Page - Texas Instruments

Back Button CSD87384M Datasheet HTML 8Page - Texas Instruments CSD87384M Datasheet HTML 9Page - Texas Instruments CSD87384M Datasheet HTML 10Page - Texas Instruments CSD87384M Datasheet HTML 11Page - Texas Instruments CSD87384M Datasheet HTML 12Page - Texas Instruments CSD87384M Datasheet HTML 13Page - Texas Instruments CSD87384M Datasheet HTML 14Page - Texas Instruments CSD87384M Datasheet HTML 15Page - Texas Instruments CSD87384M Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CSD87384M
SLPS415D – SEPTEMBER 2013 – REVISED MARCH 2015
www.ti.com
6.5 Calculating Power Loss and SOA
The user can estimate product loss and SOA boundaries by arithmetic means (see Design Example). Though
the Power Loss and SOA curves in this data sheet are taken for a specific set of test conditions, the following
procedure outlines the steps the user should take to predict product performance for any set of system
conditions.
6.5.1 Design Example
Operating Conditions:
•
Output Current = 20 A
•
Input Voltage = 4 V
•
Output Voltage = 1 V
•
Switching Frequency = 800 kHz
•
Inductor = 0.2 µH
6.5.2 Calculating Power Loss
•
Power Loss at 20 A = 3.5 W (Figure 1)
•
Normalized Power Loss for input voltage
≈ 1.18 (Figure 6)
•
Normalized Power Loss for output voltage
≈ 0.94 (Figure 7)
•
Normalized Power Loss for switching frequency
≈ 1.15 (Figure 5)
•
Normalized Power Loss for output inductor
≈ 1.02 (Figure 8)
•
Final calculated Power Loss = 3.5 W × 1.18 × 0.94 × 1.15 × 1.02
≈ 4.6 W
6.5.3 Calculating SOA Adjustments
•
SOA adjustment for input voltage
≈ 1.5ºC (Figure 6)
•
SOA adjustment for output voltage
≈ –0.5ºC (Figure 7)
•
SOA adjustment for switching frequency
≈ 1.2ºC (Figure 5)
•
SOA adjustment for output inductor
≈ 0.2ºC (Figure 8)
•
Final calculated SOA adjustment = 1.5 + (–0.5) + 1.2 + 0.2
≈ 2.4ºC
In the previous design example, the estimated power loss of the CSD87384M would increase to 4.6 W. In
addition, the maximum allowable board and/or ambient temperature would have to decrease by 2.4ºC. Figure 28
graphically shows how the SOA curve would be adjusted accordingly.
1. Start by drawing a horizontal line from the application current to the SOA curve.
2. Draw a vertical line from the SOA curve intercept down to the board or ambient temperature.
3. Adjust the SOA board/ambient temperature by subtracting the temperature adjustment value.
In the design example, the SOA temperature adjustment yields a reduction in allowable board/ambient
temperature of 2.4ºC. In the event the adjustment value is a negative number, subtracting the negative number
would yield an increase in allowable board or ambient temperature.
Figure 28. Power Block SOA
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com