Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87384MT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87384MT
Description  CSD87384M Synchronous Buck NexFET??Power Block II
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87384MT Datasheet(HTML) 2 Page - Texas Instruments

  CSD87384MT Datasheet HTML 1Page - Texas Instruments CSD87384MT Datasheet HTML 2Page - Texas Instruments CSD87384MT Datasheet HTML 3Page - Texas Instruments CSD87384MT Datasheet HTML 4Page - Texas Instruments CSD87384MT Datasheet HTML 5Page - Texas Instruments CSD87384MT Datasheet HTML 6Page - Texas Instruments CSD87384MT Datasheet HTML 7Page - Texas Instruments CSD87384MT Datasheet HTML 8Page - Texas Instruments CSD87384MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CSD87384M
SLPS415D – SEPTEMBER 2013 – REVISED MARCH 2015
www.ti.com
Table of Contents
6.4
Normalized Curves.................................................. 10
1
Features .................................................................. 1
6.5
Calculating Power Loss and SOA .......................... 12
2
Applications ........................................................... 1
7
Layout ................................................................... 13
3
Description ............................................................. 1
7.1
Layout Guidelines ................................................... 13
4
Revision History..................................................... 2
7.2
Layout Example ...................................................... 13
5
Specifications......................................................... 3
8
Device and Documentation Support.................. 14
5.1
Absolute Maximum Ratings ...................................... 3
8.1
Trademarks ............................................................. 14
5.2
Recommended Operating Conditions ....................... 3
8.2
Electrostatic Discharge Caution .............................. 14
5.3
Power Block Performance ........................................ 3
8.3
Glossary .................................................................. 14
5.4
Thermal Information .................................................. 4
9
Mechanical, Packaging, and Orderable
5.5
Electrical Characteristics........................................... 4
Information ........................................................... 15
5.6
Typical Power Block Device Characteristics............. 5
9.1
CSD87384M Package Dimensions......................... 15
5.7
Typical Power Block MOSFET Characteristics......... 7
9.2
Land Pattern Recommendation .............................. 16
6
Application and Implementation ........................ 10
9.3
Stencil Recommendation (100 µm)......................... 16
6.1
Application Information............................................ 10
9.4
Stencil Recommendation (125 µm)......................... 17
6.2
Power Loss Curves ................................................ 10
9.5
Pin Drawing............................................................. 17
6.3
Safe Operating Curves (SOA) ................................ 10
9.6
CSD87384M Embossed Carrier Tape Dimensions 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2014) to Revision D
Page
•
Changed capacitance units to read pF in Figure 15 ............................................................................................................. 8
•
Changed capacitance units to read pF in Figure 16 ............................................................................................................. 8
Changes from Revision A (September 2013) to Revision B
Page
•
Added small reel info .............................................................................................................................................................. 1
•
Changed Figure 16 ................................................................................................................................................................. 8
Changes from Original (September 2013) to Revision A
Page
•
Changed VGS(th) from 1.0 V to 1.1 V in the Electrical Characteristics table............................................................................ 4
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com