Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF177 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF177
Description  HF/VHF power MOS transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF177 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BLF177_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF177_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Jul 02
2
Philips Semiconductors
Product specification
HF/VHF power MOS transistor
BLF177
FEATURES
• High power gain
• Low intermodulation distortion
• Easy power control
• Good thermal stability
• Withstands full load mismatch.
APPLICATIONS
• Designed for industrial and military
applications in the HF/VHF
frequency range.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS transistor
encapsulated in a 4-lead, SOT121B
flanged package, with a ceramic cap.
All leads are isolated from the flange.
A marking code, showing gate-source
voltage (VGS) information is provided
for matched pair applications. Refer
to the handbook 'General' section for
further information.
PINNING
PIN
DESCRIPTION
1
drain
2
source
3
gate
4
source
PIN CONFIGURATION
CAUTION
This product is supplied in anti-static packing to prevent damage caused by
electrostatic discharge during transport and handling. For further information,
refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A, and SNW-FQ-302B.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline (SOT121B) and symbol.
s
d
g
MBB072
andbook, halfpage
MLA876
43
2
1
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common source test circuit.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
d3
(dB)
d5
(dB)
SSB class-AB
28
50
150 (PEP)
>20
>35
<−30
<−30
CW class-B
108
50
150
typ. 19
typ. 70
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com