Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF245 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF245
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF245 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BLF245_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF245_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
September 1992
2
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF245
FEATURES
• High power gain
• Low noise figure
• Easy power control
• Good thermal stability
• Withstands full load mismatch.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS transistor
designed for large signal amplifier
applications in the VHF frequency
range.
The transistor is encapsulated in a
4-lead SOT123 flange envelope, with
a ceramic cap. All leads are isolated
from the flange.
Matched gate-source voltage (VGS)
groups are available on request.
PINNING - SOT123
PIN
DESCRIPTION
1
drain
2
source
3
gate
4
source
PIN CONFIGURATION
CAUTION
The device is supplied in an antistatic package. The gate-source input must
be protected against static charge during transport and handling.
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO disc is not damaged. All persons who handle, use or dispose of
this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
lfpage
1
23
4
MSB057
s
d
g
MBB072
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a class-B test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
175
28
30
> 13
> 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com