Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF346 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BLF346
Description  VHF power MOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BLF346 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BLF346_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BLF346_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Oct 02
2
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF346
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Linear amplifier applications in Television transmitters
and transposers.
DESCRIPTION
Silicon N-channel enhancement mode vertical D-MOS
transistor encapsulated in a 6-lead, SOT119 flange
package, with a ceramic cap. All leads are isolated from
the flange. A marking code, showing gate-source voltage
(VGS) information is provided for matched pair
applications. Refer to the General Section of Data
Handbook SC19a for further information.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING-SOT119
PIN
SYMBOL
DESCRIPTION
1
s
source
2
s
source
3
g
gate
4
d
drain
5
s
source
6
s
source
Fig.1 Simplified outline and symbol.
handbook, halfpage
s
d
g
MAM268
2
4
6
5
3
1
QUICK REFERENCE DATA
RF performance in a linear amplifier.
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak synchronization level.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
ID
(A)
Th
(
°C)
PL
(W)
GP
(dB)
dim
(dB) (1)
Class-A
224.25
28
3
70
>24
>14
−52
25
typ. 30
typ. 16.5
−52
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com