Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2731XMF/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731XMF/NOPB
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731XMF/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2731XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 9Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 10Page - Texas Instruments LM2731XMF/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TEMPERATURE (
oC)
0.48
0.5
0.52
0.54
0.56
0.58
0.6
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125
150
95.9
96
96.1
96.2
96.3
96.4
96.5
96.6
96.7
96.8
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100
125 150
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
1.56
1.58
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100
125 150
TEMPERATURE (
oC)
0.48
0.5
0.52
0.54
0.56
0.58
0.6
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125
150
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
1.8
1.85
1.9
1.95
2
2.05
2.1
2.15
2.2
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100 125 150
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
6.6 Typical Characteristics
Unless otherwise specified: VIN = 5 V, SHDN pin tied to VIN.
Figure 2. Iq VIN (Active) vs Temperature - Y Option
Figure 1. Iq VIN (Active) vs Temperature - X Option
Figure 4. Oscillator Frequency vs Temperature - Y Option
Figure 3. Oscillator Frequency vs Temperature - X Option
Figure 6. Maximum Duty Cycle vs Temperature - Y Option
Figure 5. Maximum Duty Cycle vs Temperature - X Option
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com