Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2733XMFX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMFX/NOPB
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMFX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2733XMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 13Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 14Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 15Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 16Page - Texas Instruments LM2733XMFX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Duty Cycle =
VOUT + VDIODE - VIN
VOUT + VDIODE - VSW
LM2733
www.ti.com
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
8.2.2.2 Selecting the Output Capacitor
A single ceramic capacitor of value 4.7 µF to 10 µF will provide sufficient output capacitance for most
applications. For output voltages below 10V, a 10 µF capacitance is required. If larger amounts of capacitance
are desired for improved line support and transient response, tantalum capacitors can be used in parallel with the
ceramics. Aluminum electrolytics with ultra low ESR such as Sanyo Oscon can be used, but are usually
prohibitively expensive. Typical AI electrolytic capacitors are not suitable for switching frequencies above 500
kHz due to significant ringing and temperature rise due to self-heating from ripple current. An output capacitor
with excessive ESR can also reduce phase margin and cause instability.
8.2.2.3 Selecting the Input Capacitor
An input capacitor is required to serve as an energy reservoir for the current which must flow into the coil each
time the switch turns ON. This capacitor must have extremely low ESR, so ceramic is the best choice. We
recommend a nominal value of 2.2 µF, but larger values can be used. Since this capacitor reduces the amount of
voltage ripple seen at the input pin, it also reduces the amount of EMI passed back along that line to other
circuitry.
8.2.2.4 Feed-Forward Compensation
Although internally compensated, the feed-forward capacitor Cf is required for stability (see Figure 24). Adding
this capacitor puts a zero in the loop response of the converter. Without it, the regulator loop can oscillate. The
recommended frequency for the zero fz should be approximately 8 kHz. Cf can be calculated using the formula:
Cf = 1 / (2 X
π X R1 X fz)
(1)
8.2.2.5 Selecting Diodes
The external diode used in the typical application should be a Schottky diode. If the switch voltage is less than 15
V, a 20 V diode such as the MBR0520 is recommended. If the switch voltage is between 15 V and 25 V, a 30-V
diode such as the MBR0530 is recommended. If the switch voltage exceeds 25 V, a 40-V diode such as the
MBR0540 should be used.
The MBR05XX series of diodes are designed to handle a maximum average current of 0.5 A. For applications
exceeding 0.5 A average but less than 1 A, a Microsemi UPS5817 can be used.
8.2.2.6 Setting the Output Voltage
The output voltage is set using the external resistors R1 and R2 (see Figure 24). A value of approximately 13.3
k
Ω is recommended for R2 to establish a divider current of approximately 92 µA. R1 is calculated using the
formula:
R1 = R2 X (VOUT/1.23 − 1)
(2)
8.2.2.7 Switching Frequency
The device options provide for two fixed frequency operating conditions 1.6 MHz, and 600 kHz. Chose the
operating frequency required noting the following trade-offs:
Higher switching frequency means the inductors and capacitors can be made smaller and cheaper for a given
output voltage and current. The down side is that efficiency is slightly lower because the fixed switching losses
occur more frequently and become a larger percentage of total power loss. EMI is typically worse at higher
switching frequencies because more EMI energy will be seen in the higher frequency spectrum where most
circuits are more sensitive to such interference.
8.2.2.8 Duty Cycle
The maximum duty cycle of the switching regulator determines the maximum boost ratio of output-to-input
voltage that the converter can attain in continuous mode of operation. The duty cycle for a given boost
application is defined as:
(3)
This applies for continuous mode operation.
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com