Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3TB6 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PUSB3TB6
Description  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3TB6 Datasheet(HTML) 3 Page - NXP Semiconductors

  PUSB3TB6_15 Datasheet HTML 1Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PUSB3TB6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 August 2014
3 of 13
NXP Semiconductors
PUSB3TB6
ESD protection for ultra high-speed interfaces
6.
Characteristics
[1]
This parameter is guaranteed by design.
[2]
According to IEC 61000-4-5, pulse time tp = 8/20 s.
[3]
100 ns Transmission Line Pulse (TLP); 50
; pulser at 80 ns.
Table 5.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
II = 1 mA
6
--V
ILR
reverse leakage current
per channel; VI = 3 V
-
1
100
nA
Cline
line capacitance
f = 1 MHz; VI =0V
[1] -
0.27
0.35
pF
C
line
line capacitance
difference
f= 1MHz; VI =0V
[1] -
0.03
0.05
pF
rdyn
dynamic resistance
surge
[2]
positive transient
-
0.5
-
negative transient
-
0.5
-
TLP
[3]
positive transient
-
0.6
-
negative transient
-
0.6
-
VCL
clamping voltage
IPP =3.5 A
[2]
positive transient
-
4.8
-
V
IPP = 3.5 A
[2]
negative transient
-
4.8
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com