Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3224 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3224
Description  LM3224 615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3224 Datasheet(HTML) 2 Page - Texas Instruments

  LM3224 Datasheet HTML 1Page - Texas Instruments LM3224 Datasheet HTML 2Page - Texas Instruments LM3224 Datasheet HTML 3Page - Texas Instruments LM3224 Datasheet HTML 4Page - Texas Instruments LM3224 Datasheet HTML 5Page - Texas Instruments LM3224 Datasheet HTML 6Page - Texas Instruments LM3224 Datasheet HTML 7Page - Texas Instruments LM3224 Datasheet HTML 8Page - Texas Instruments LM3224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
VC
1
FB
2
SHDN
3
GND
4
SS
8
FSLCT
7
SW
5
VIN
6
LM3224
SNVS277C – DECEMBER 2004 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 8-Lead Plastic VSSOP
Top View
Package Number DGK0008A
PIN DESCRIPTIONS
Pin
Name
Function
1
VC
Compensation network connection. Connected to the output of the voltage error amplifier.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, active low. This pin has an internal pulldown resistor so the default condition
is off. The pin must be pulled high to turn on the device.
4
GND
Analog and power ground.
5
SW
Power switch input. Switch connected between SW pin and GND pin.
6
VIN
Analog power input.
7
FSLCT
Switching frequency select input. VIN = 1.25MHz. Ground = 615kHz.
8
SS
Soft-start Pin.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com