Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD08 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HD08
Description  0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HD08 Datasheet(HTML) 1 Page - Micro Commercial Components

  HD08 Datasheet HTML 1Page - Micro Commercial Components HD08 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HD01
THRU
HD10
0.8 Amp Single Phase
Glass Passivated
Bridge Rectifier
100 to 1000 Volts
Features
•
Surface Mount Package
•
Rating to 1000V PRV
•
Ideal for Printed Circuit Board
•
Lead tin Plated Copper
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HD01
HD01
100V
70V
100V
HD02
HD02
200V
140V
200V
HD04
HD04
400V
280V
400V
HD06
HD06
600V
420V
600V
HD08
HD08
800V
560V
800V
HD10
HD10
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.8 A
TA = 40
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 0.4A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
0.5mA
TJ= 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
HDDF
Suggested Solder Pad
Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
---
.276
---
7.00
D
H
C
A
E
F
B
G
          

 
www.mccsemi.com
MCC
A
.177
.193
4.50
4.90
B
.091
.106
2.30
2.70
E
.091
.106
2.30
2.70
D
.142
.157
3.60
4.00
F
---
.008
---
0.20
G
.020
.031
0.50
0.80
H
.028
.043
0.70
1.10
.030”MIN
.023”MIN
.105”
.272”MAX
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
I
I
.006
.014
0.15
0.35
.095”
•
Operating Junction Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Typical Thermal Resistance 75
°C/W Junction to ambient


Similar Part No. - HD08

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HD08 DIOTECH-HD08 Datasheet
870Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
HD08 CHENDA-HD08 Datasheet
547Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SHIKUES Electronics
HD08 SKTECHNOLGY-HD08 Datasheet
1Mb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HD08 SAMYANG-HD08 Datasheet
2Mb / 3P
Bridge Rectifiers
HD08 SAMYANG-HD08 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - HD08

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
LMB10S-TP MCC-LMB10S-TP Datasheet
343Kb / 3P
1.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
LMB203S MCC-LMB203S Datasheet
320Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 200 to 1000 Volts
MB1YS MCC-MB1YS Datasheet
259Kb / 3P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 1600 Volts
MBL1S MCC-MBL1S Datasheet
274Kb / 3P
0.5 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com