Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7250 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7250
Description  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7250 Datasheet HTML 17Page - Infineon Technologies AG TLE7250 Datasheet HTML 18Page - Infineon Technologies AG TLE7250 Datasheet HTML 19Page - Infineon Technologies AG TLE7250 Datasheet HTML 20Page - Infineon Technologies AG TLE7250 Datasheet HTML 21Page - Infineon Technologies AG TLE7250 Datasheet HTML 22Page - Infineon Technologies AG TLE7250 Datasheet HTML 23Page - Infineon Technologies AG TLE7250 Datasheet HTML 24Page - Infineon Technologies AG TLE7250 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLE7250LE
TLE7250SJ
Electrical Characteristics
Data Sheet
21
Rev. 1.0, 2015-08-12
Leakage current, CANL
I
CANL,lk
-5
–
5
µA
V
CC =0 V,
0V<
V
CANL <5V,
V
CANH=VCANL;
P_7.1.44
Dynamic CAN-Transceiver Characteristics
Propagation delay
TxD-to-RxD “low”
(“recessive to “dominant”)
t
Loop(H,L)
–180
255
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25 V,
C
RxD =15pF;
P_7.1.45
Propagation delay
TxD-to-RxD “high”
(“dominant” to “recessive”)
t
Loop(L,H)
–180
255
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25 V,
C
RxD =15pF;
P_7.1.46
Propagation delay
extended load
TxD-to-RxD “low”
(“recessive to “dominant”)
t
Loop_Ext(H,L) –
–
300
ns
1) C
L =200 pF, RL =120 Ω,
4.75 V <
V
CC <5.25V,
C
RxD =15pF;
P_7.1.54
Propagation delay
extended load
TxD-to-RxD “high”
(“dominant” to “recessive”)
t
Loop_Ext(L,H) –
–
300
ns
1) C
L =200 pF, RL =120 Ω,
4.75 V <
V
CC <5.25V,
C
RxD =15pF;
P_7.1.55
Propagation delay
TxD “low” to bus “dominant”
t
d(L),T
–
90
140
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25 V,
C
RxD =15pF;
P_7.1.47
Propagation delay
TxD “high” to bus “recessive”
t
d(H),T
–
90
140
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25 V,
C
RxD =15pF;
P_7.1.48
Propagation delay
bus “dominant” to RxD “low”
t
d(L),R
–
90
140
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25 V,
C
RxD =15pF;
P_7.1.49
Propagation delay
bus “recessive” to RxD “high”
t
d(H),R
–
90
140
ns
C
L = 100 pF,
4.75 V <
V
CC <5.25 V,
C
RxD =15pF;
P_7.1.50
Delay Times
Delay time for mode change
t
Mode
––20
µs
1) (see Figure 13 and
Figure 14);
P_7.1.51
Table 6
Electrical characteristics (cont’d)
4.5 V <
V
CC <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive current flowing
into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com