Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7251V Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7251V
Description  High Speed CAN-Transceiver with Bus Wake-up
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7251V Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7251V Datasheet HTML 17Page - Infineon Technologies AG TLE7251V Datasheet HTML 18Page - Infineon Technologies AG TLE7251V Datasheet HTML 19Page - Infineon Technologies AG TLE7251V Datasheet HTML 20Page - Infineon Technologies AG TLE7251V Datasheet HTML 21Page - Infineon Technologies AG TLE7251V Datasheet HTML 22Page - Infineon Technologies AG TLE7251V Datasheet HTML 23Page - Infineon Technologies AG TLE7251V Datasheet HTML 24Page - Infineon Technologies AG TLE7251V Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
21
Rev. 1.0, 2015-09-10
TLE7251VLE
TLE7251VSJ
Electrical Characteristics
Transmission Input TxD
“High” level input voltage
threshold
V
TxD,H
–0.5
×
V
IO
0.7
×
V
IO
V
“recessive” state;
P_7.1.13
“Low” level input voltage
threshold
V
TxD,L
0.3
×
V
IO
0.4
×
V
IO
–
V
“dominant” state;
P_7.1.14
Pull-up resistance
R
TxD
10
25
50
kΩ
–
P_7.1.15
Input hysteresis
V
HYS(TxD)
–450
–mV
1)
P_7.1.16
Input capacitance
C
TxD
––10
pF
1)
P_7.1.17
TxD permanent “dominant”
time-out
t
TxD
4.5
–
16
ms
normal-operating mode;
P_7.1.18
Stand-by Input STB
“High” level input voltage
threshold
V
STB,H
–0.5
×
V
IO
0.7
×
V
IO
V
stand-by mode;
P_7.1.19
“Low” level input voltage
threshold
V
STB,L
0.3
×
V
IO
0.4
×
V
IO
–
V
normal-operating mode;
P_7.1.20
Pull-up resistance
R
STB
10
25
50
kΩ
–
P_7.1.21
Input capacitance
C
STB
––10
pF
1)
P_7.1.22
Input hysteresis
V
HYS(STB) –200
–mV
1)
P_7.1.23
Bus Receiver
Differential receiver threshold
“dominant”
normal-operating mode
V
Diff_D
–0.75
0.9
V
2)
P_7.1.24
Differential receiver threshold
“recessive”
normal-operating mode
V
Diff_R
0.5
0.66
–
V
2)
P_7.1.25
Differential receiver threshold
“dominant”
stand-by mode
V
Diff_D_ST
B
–
0.751.15V
2)
P_7.1.26
Differential receiver threshold
“recessive”
stand-by mode
V
Diff_R_ST
B
0.4
0.72
–
V
2)
P_7.1.27
Common mode range
CMR
-12
–
12
V
V
CC = 5 V;
P_7.1.28
Differential receiver hysteresis
normal-operating mode
V
Diff,hys
–90
–
mV
1)
P_7.1.29
CANH, CANL input resistance
R
i
10
20
30
kΩ
“recessive” state;
P_7.1.30
Differential input resistance
R
Diff
20
40
60
kΩ
“recessive” state;
P_7.1.31
Input resistance deviation
between CANH and CANL
∆
R
i
- 1
–
1
%
1) “recessive” state;
P_7.1.32
Input capacitance CANH, CANL
versus GND
C
In
–
2040pF
1) V
TxD = VIO;
P_7.1.33
Differential input capacitance
C
In_Diff
–
1020pF
1) V
TxD = VIO:
P_7.1.34
Table 6
Electrical characteristics (cont’d)
4.5 V <
V
CC <5.5 V; 3.0V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground;
positive current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com