Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1618G-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1618G-S16-R
Description  6 KEYS SIREN/ALARM SOUND GENERATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1618G-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  1618G-S16-R Datasheet HTML 1Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 2Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 3Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 4Page - Unisonic Technologies 1618G-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1618
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-007.H
PIN CONFIGURATION
1
2
3
4
5
6
7
8
GND
S1
S2
S6
S4
S5
S3
VDD
16
15
14
13
12
11
10
9
INI
NC
BZ1
BZ2
OSC1
OSC2
NC
NC
PIN DESCRIPTIONS
PIN No.
PIN NAME
I/O
DESCRIPTION
1
VDD
-
Power supply pin (+).
2
S3
I
Sound selection keys. These keys connect with internal pull-down resistors. The
sound output will be enabled when a key is connected to VDD. On other hands,
the sound output will be disabled if a key is N.C. or connected to GND.
When two or more keys are selected in the same time, the sound will be
generated in cycling sequence. According to the priority of the keys, the proirity of
S1~S6 list below : S1>S2>S6>S4>S5>S3.
3
S5
I
4
S4
I
5
S6
I
6
S2
I
7
S1
I
8
GND
-
Power supply pin (-).
9
INI
I
An internal pull-up resistor. Might disable BZ1, BZ2, when connected to GND.
10
NC
-
No connecting.
11
BZ1
O
Audio output pins.
12
BZ2
O
13
OSC1
O
Oscillator pin with external resistor.
14
OSC2
I
15
NC
-
No connecting.
16
NC
O
No connecting.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com