Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL48 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LL48
Description  Small Signal Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LL48 Datasheet(HTML) 2 Page - Micro Commercial Components

  LL48 Datasheet HTML 1Page - Micro Commercial Components LL48 Datasheet HTML 2Page - Micro Commercial Components LL48 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1. Forward current versus
voltage
at different temperatures(typical values)
forward
Figure 2.
(typical values)
Forward current versus forward voltage
































I(mA)
F
I(mA)
F
T
=100 C
amb
T
= 25 C
amb
T
= 55 C
amb














I( A)
R
µ
Figure 3.R
ambient
everse current versus
temperatures
T=( C)
J
max.
90% confidence
V=20V
R
typ.
T = 25 C
j
www.mccsemi.com
MCC
LL48



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com