Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF2140G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # GF2140G-S08-R
Description  LOW POWER TWO-WIRE GROUND FAULT INTERRUPTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

GF2140G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  GF2140G-S08-R Datasheet HTML 1Page - Unisonic Technologies GF2140G-S08-R Datasheet HTML 2Page - Unisonic Technologies GF2140G-S08-R Datasheet HTML 3Page - Unisonic Technologies GF2140G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GF2140
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R121-016.C
PIN CONNECTIONS
PIN DESCRIPTION
PIN
PIN NAME
I/O
PIN FUNCTION
1
Rsct
O
Output of Leakage current first
2
VFB
I
Input of leakage current
3
VREF
I
Reference voltage
4
GND
Ground
5
Line
I
Line input
6
Neutral
I
Neutral input
7
SCR Trigger
SCR Trigger
8
C Delay
O
The Delay time
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com