Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2044G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L2044G-S14-R
Description  DUAL OUTPUT FLASHER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2044G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L2044G-S14-R Datasheet HTML 1Page - Unisonic Technologies L2044G-S14-R Datasheet HTML 2Page - Unisonic Technologies L2044G-S14-R Datasheet HTML 3Page - Unisonic Technologies L2044G-S14-R Datasheet HTML 4Page - Unisonic Technologies L2044G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L2044
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R121-001.C
DUAL OUTPUT FLASHER
DESCRIPTION
The UTC L2044 is a dual output stages flasher designed as a
relay driver for flashing light control in automotive applications.
Both sides direction indicator input with only a small control current
makes switch contacts for small loads possible. Each side of the
vehicle is controlled separately.
The construction of the hazard switch could be simplified due to
hazard warning input is separate. The flasher will dramatically
increase the flash frequency by a typical ratio of 2:1 if lamp fault is
detected. The UTC L2044 can be directly connected to the battery
due to extreme low current consumption.
FEATURES
* Temperature and Supply Voltage Compensated Flashing
Frequency
* Frequency Doubling Indicates Lamp Fault.
* Two Relay Driver Outputs with High Current-carrying Capacity
and Low Saturation Voltage
* Minimum Lamp Load for Flasher Operation: ≥ 1W
* Very Low Sensitivity to EMI
* Extremely Low Current Consumption<10μA ( at Switches Open)
* Reverse Polarity Protection
* Three Control Inputs: Left, Right and Hazard Warning
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L2044L-D14-T
L2044G-D14-T
DIP-14
Tube
-
L2044G-S14-R
SOP-14
Tape Reel
MARKING
DIP-14
SOP-14


Similar Part No. - L2044G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044-D14-T UTC-L2044-D14-T Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
L2044-D14-T UTC-L2044-D14-T Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044-S14-R UTC-L2044-S14-R Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
More results

Similar Description - L2044G-S14-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
LL204 UTC-LL204 Datasheet
104Kb / 4P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
BOWIN ELECTRONIC CO.
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
logo
ATMEL Corporation
U2044B ATMEL-U2044B_08 Datasheet
257Kb / 9P
Dual Output Flasher
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_15 Datasheet
231Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
DUAL OUTPUT FLASHER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com