Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3000G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M3000G-S16-R
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3000G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M3000G-S16-R Datasheet HTML 1Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 2Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 3Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 4Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 5Page - Unisonic Technologies M3000G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M3000
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-473.a
FUNCTIONAL DESCRIPTIONS
1. Re-Triggerable Mode
Re-Triggerable Waveform
Operational amplifier OP1 composed sensor signal pre-processing circuit. The amplified signal coupled to the
operational amplifier OP2, and elevated DC level to VM (≈0.5VDD), The output signal V2 input to Bi-directional level
detector(COP1&COP2), detected the effective signal Vs. As the VH≈0.7VDD, VL≈0.3VDD, while VDD=5V, it is
immune to the ±1V noise interference and can improve system reliability.
COP3 is a condition comparator. When the input voltage Vc<VR(≈0.2VDD), COP3 output is low, it disabled the
Vs transmission to State Control circuit; When Vc>VR, COP3 output is high, chip access to extension time period.
When pin A connect to "0", any change of V2 have been ignored until the end of Tx period, which called
non-retriggerable mode. When the Tx period ended, Vo jump back to the low level, chip access to the lock period Ti.
During the Ti period, any changes of V2 can not make Vo jumping to valid state (high level), it can inhibit a variety of
interference when the load changed.
2. Non-Retriggerable mode
V2
VS
A
VC
VOUT
VH
VL
Tx
Ti
Tx
Ti
Non-Retriggerable Waveform
During the time of Vc="0", A="0",signal Vs can not trigger Vo to a valid state; When Vc="1", A="1", Vs can
repeatable trigger Vo to the valid state, and keep the state in Tx period.
In the Tx period, if Vs jump to "1", then Vo extend to an another Tx; if Vs keep "1" state, Vo maintains the valid
state; if Vs keep "0 "state, after the period of Tx, Vo change to invalid state, and in the Ti time, any change of Vs can
not trigger Vo to a valid state.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com