Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1962G-R10-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # F1962G-R10-R
Description  Decoder For Remote Controller With Five Functions
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1962G-R10-R Datasheet(HTML) 6 Page - Unisonic Technologies

  F1962G-R10-R Datasheet HTML 1Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 2Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 3Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 4Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 5Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 6Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 7Page - Unisonic Technologies F1962G-R10-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RCR2C
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-026.C
TYPICAL APPLICATION CIRCUIT
Receiver
(F
Ⅱ
OSC =116~140 KHz)
ANTENNA
U1
UTC RCR2C
R17
300k
R15
3K
C13
202
4.7M
R12
30P
C10
R11
3K
104
C6
R5
C11
500P
3K
R4
C7
560
R3
C5
472
L1
3.3μH
3.3μF
R6
5.6K
27p
C2
Q1
C1815
C1
68p
12p
C3
L2
R7
3.3K
103
C8
C9
104
4.7M
R8
1.5K
NP
N
100μH
100μF
C12
D1
DIODE SCHOTTKY
100μF
C14
C15
0.01μF
5
1.5V
L5
Q2
8550
R1
270
R2
270
8550
Q3
C4
104
Q5
9013
R10
1K
Q4
9013
R9
1K
Q6
9013
9013
Q7
L4
L3
Electromagnetic
Power
R13
690
R14
690
Notes : 1. MOD=0(pulled low)
2. Using DC-DC converter because of lower supply voltage
3. Two grade shift gears are realized



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com