Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSD101 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # LLSD101
Description  Schottky Barrier Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLSD101 Datasheet(HTML) 1 Page - Micro Commercial Components

  LLSD101 Datasheet HTML 1Page - Micro Commercial Components LLSD101 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Low Reverse Recovery Time
l Low Reverse Capacitance
l Low Forward Voltage Drop
l Guard Ring Construction for Transient Protection
Mechanical Data
l Case: MiniMELF, Glass
l Terminals: Solderable per MIL -STD-202, Method 208
l Polarity: Indicated by Cathode Band
l Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol LLSD101A LLSD101B LLSD101C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60V
50V
40V
RMS Reverse Voltage
VR(RMS)
42V
35V
28V
Forward Continuous Current(Note 1)
IFM
15mA
Non-Repetitive Peak @ t<=1.0s
Forward Surge Current @ t=10us
IFSM
50mA
2.0A
Power Dissipation(Note 1)
Pd
400mW
Thermal Resistance(Note 1)
R
375K/W
Operation & Storage Temp. Range
Tj, TSTG
-55 to 150
oC
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max
Unit
Test Cond.
Peak
LLSD101A
VR=50V
Reverse
LLSD101B
IRM
-----
200
nA VR =40V
Current
LLSD101C
VR =30V
LLSD101A
0.41
I F=1.0mA
LLSD101B
0.40
I F=1.0mA
Forward
LLSD101C
VFM
-----
0.39
V
I F=1.0mA
Volt. Drop LLSD101A
1.00
I F=15mA
LLSD101B
0.95
I F=15mA
LLSD101C
0.90
I F=15mA
Junction
LLSD101A
2.0
Capacitance LLSD101B
Cj
-----
2.1
pF VR =0V, f=1.0MHz
LLSD101C
2.2
Reverse Recovery Time
trr
-----
1.0
ns
I F=IR =5mA,
recover to 0.1 I R
Note: 1. Valid provided that electrodes are kept at ambient temperature
LLSD101A
THRU
LLSD101C
Schottky Barrier
Switching Diode
www.mccsemi.com
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - LLSD101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LLSD101 DIODES-LLSD101 Datasheet
141Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30067 Rev. 2 - 2
LLSD101A DIODES-LLSD101A Datasheet
141Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30067 Rev. 2 - 2
logo
Shanghai Lunsure Electr...
LLSD101A CHENYI-LLSD101A Datasheet
325Kb / 2P
schottky barrier switching diode
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
981Kb / 4P
Schottky Barrier Switching Diode
logo
Diodes Incorporated
LLSD101A-13 DIODES-LLSD101A-13 Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results

Similar Description - LLSD101

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
LL6263 DIODES-LL6263 Datasheet
57Kb / 2P
SCHOTTKY BARRIER SWITCHING DIODE
DS30076 Rev. A-2
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW_ DIODES-SD101AW_ Datasheet
224Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 17 - 2
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
Schottky Barrier Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com