Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2M Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB2M
Description  0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB2M Datasheet(HTML) 1 Page - Micro Commercial Components

  MB2M Datasheet HTML 1Page - Micro Commercial Components MB2M Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB05M
THRU
MB10M
0.5Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
•
Through Hole Package
•
Glass Passivated Diode Construction
•
Moisture Resistant Epoxy Case
•
High Surge Current Capability
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB05M
---
50V
35V
50V
MB1M
---
100V
70V
100V
MB2M
---
200V
140V
200V
MB4M
---
400V
280V
400V
MB6M
---
600V
420V
600V
MB8M
---
800V
560V
800V
MB10M
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
TA = 40
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 0.5A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
0.5mA
TA = 25
°C
TA = 125
°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
MB-1
www.mccsemi.com























 

















































 !"#$%
!&'(











∼∼∼∼
∼∼∼∼


)
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MB2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
TAITRON Components Inco...
MB2M TAITRON-MB2M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
More results

Similar Description - MB2M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S MCC-MB05S_09 Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB05S PFS-MB05S Datasheet
181Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
MAKO SEMICONDUCTOR CO.,...
MB1S MAKOSEMI-MB1S Datasheet
125Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101L MCC-DB101L Datasheet
415Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Guangdong Youtai Semico...
MB05S UMW-MB05S Datasheet
1Mb / 2P
0.8Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com