Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT912EG-S16-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UT912EG-S16-R
Description  ENCODER FOR REMOTE CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT912EG-S16-R Datasheet(HTML) 7 Page - Unisonic Technologies

  UT912EG-S16-R Datasheet HTML 1Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 2Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 3Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 4Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 5Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 6Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 7Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 8Page - Unisonic Technologies UT912EG-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UT912E
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-022.C
FUNCTIONAL DESCRIPTION
Operation
The UTC UT912E start a cycle of 4-words transmission upon receipt of a transmission enable (TE). A completed
cycle is showed as below. This cycle will repeat itself as long as the transmission enable is held low. While the
transmission enable returns high the encoder output completes its final cycle and then stops.
<1 word
TE
4 words
Encoder
DOUT
Transmitted
Continuously
4 words
Address/data bit waveform
Each programmable address/data pin can be externally set to one of the following two logic states as shown
below.
fosc
"One"
"Zero"
Address/
Data Bit
Address/data programming (preset)
The status of each address/data pin can be individually pre-set to logic ”high” or ”low”. If a transmission-enable
signal is applied, the encoder scans and transmits the status of the 12 bits of address/data serially in the order A0 to
AD11. During information transmission these bits are transmitted with a preceding synchronization bit. If the trigger
signal is not applied, the chip enters the standby mode and consumes a reduced current of less than 1μA for a
supply voltage of 5V.
The following figure shows an application using the UTC UT912E:
VDD
A0 A1 A2 A3 A4 A5 A6 A7 VSS TE AD8 AD9 AD10AD11
OSC1 OSC2
Transmission
Medium
VSS
VDD
DOUT
Transmitted information:
A0
A1
A2
A3
A4
A5
A6
A7
AD8
AD9
AD10
AD11
Pilot &
Sync.
1
0
1
0
0
0
1
1
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com