Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU642L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UU642L-S08-R
Description  INTERVAL AND WIPE/WASH WIPER CONTROL IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU642L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UU642L-S08-R Datasheet HTML 1Page - Unisonic Technologies UU642L-S08-R Datasheet HTML 2Page - Unisonic Technologies UU642L-S08-R Datasheet HTML 3Page - Unisonic Technologies UU642L-S08-R Datasheet HTML 4Page - Unisonic Technologies UU642L-S08-R Datasheet HTML 5Page - Unisonic Technologies UU642L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UU642
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R121-023.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage t=60s, Terminal 15
VBatt
28
V
Supply Current
t=2ms
I8
1.5
A
t=200ms
150
mA
Relay Control Output Current (DC)
I7
200
mA
Relay Control Output Current (DC)
t=200ms
1.2
A
Pulse Current (Control Inputs) t=200ms
Park Switch, S1
I6
50
mA
Wipe/Wash Switch, S3
I5
50
mA
Interval Switch, S2
I2
50
mA
Power Dissipation TAMB=90°C
PD
500
mW
Ambient Temperature Range
TA
-40~+85
°C
Storage Temperature Range
TSTG
-55~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-8
θJA
120
K/W
SOP-8
160
K/W
ELECTRICAL CHARACTERISTICS
(VBatt=12V, TA=25°C, reference point is pin 8, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VBatt
9
16.5
V
Supply Current
I8
9
mA
Z-Diode Limitation
V1
7.6
V
Overvoltage
Threshold Current
I1
-50
mA
Threshold Voltage
VBatt
37
V
Relay Control Output
Saturation Voltage
V7
I7=100mA
-1.0
V
I7=200mA
-1.5
V
Leakage Current
I7
100
μA
Park Switch
Internal Pull-Up Resistance
R6
R6=10kΩ
41
kΩ
Switching Threshold Voltage
V6
-3.1
V
Protection Diode
V6
I6=-10mA
-0.8
V
I6=10mA
7.6
V
Input Ct
Internal Resistance
R3
100
Ω
Interval Input
R2=2.7~30kΩ
Protection Diode
V2
I2=-10mA
-0.8
V
I2=30mA/10ms
7.6
V
WASH Input
R5=10kΩ
Switching Threshold/Hysteresis
V5
-1.1/-7.1
V
Protection Diode
V
I5=-10mA
-0.87
V
I5=10mA
8.7
V
Switching Characteristics
R4=47kΩ~300kΩ, I4=-150μA
Interval Time
t2
R3=0kΩ
3.45
s
R3=10kΩ
10.8
s
Prewash Delay
tdel
80
ms
After-Wipe-Time
t5
R4=130kΩ
4.7
s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com