Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2462L-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # V2462L-S08-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2462L-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  V2462L-S08-R Datasheet HTML 1Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 2Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 3Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 4Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 5Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 6Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 7Page - Unisonic Technologies V2462L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
V2462/V2464
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R105-042.b
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Current
IO
Measured 1V form rail, TA=25°C
±40
mA
Large-Signal
Differential
Voltage
Amplification
AVD
RL=10kΩ, VO(PP)=1V
TA=25°C
90
105
dB
(Note 1)
89
Differential Input Resistance
rI(D)
TA=25°C
10
9
Common-Mode Input Capacitance
CI(C)
f=10kHz, TA=25°C
7
pF
Closed-Loop Output Impedance
ZO
f=100kHz, AV=10, TA=25°C
33
Common-Mode Rejection Ratio
CMRR
VICR=0~3V, RS=50Ω
TA=25°C
66
80
dB
(Note 1)
60
Supply
Voltage
Rejection
Ratio
(∆VDD/∆VIO)
kSVR
VDD=2.7~6V,
VIC=VDD/2, No load
TA=25°C
80
85
dB
(Note 1)
75
VDD=3~5V,
VIC=VDD/2, No load
TA=25°C
85
95
(Note 1)
80
Supply Current (Per Channels)
IDD
VO=1.5V, No load
TA=25°C
0.5
0.575
mA
(Note 1)
0.9
Note: 1. TA= -40°C~125°C.
VDD=5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VDD=5V, VIC=2.5V,
VO=2.5V, RS=50Ω
TA=25°C
500
2000
μV
(Note 1)
2200
Input Offset Current
IIO
VDD=5V, VIC=2.5V,
VO=2.5V, RS=50Ω
TA=25°C
0.3
7
nA
(Note 1)
60
Input Bias Current
IIB
TA=25°C
1.3
14
nA
(Note 1)
60
High-Level Output Voltage
VOH
IOH=-2.5mA
TA=25°C
4.9
V
(Note 1)
4.8
IOH=-10mA
TA=25°C
4.8
(Note 1)
4.7
Low-Level Output Voltage
VOL
VIC=2.5V, IOL=2.5mA
TA=25°C
0.1
V
(Note 1)
0.2
VIC=2.5V, IOL=10mA
TA=25°C
0.2
(Note 1)
0.3
Short-Circuit Output Current
IOS
Sourcing
TA=25°C
145
mA
(Note 1)
60
Sinking
TA=25°C
100
(Note 1)
60
Output Current
IO
Measured 1V form rail
±48
mA
Large-Signal
Differential
Voltage
Amplification
AVD
VIC=2.5V, RL=10kΩ,
VO=1~4V
TA=25°C
92
109
dB
(Note 1)
90
Differential Input Resistance
rI(D)
TA=25°C
10
9
Common-Mode Input Capacitance
CI(C)
f=10kHz, TA=25°C
7
pF
Closed-Loop Output Impedance
ZO
f=100kHz, AV=10, TA=25°C
29
Common-Mode Rejection Ratio
CMRR
VICR=0~5V, RS=50Ω
TA=25°C
71
85
dB
(Note 1)
60
Supply Voltage Rejection Ratio
(∆VDD/∆VIO)
kSVR
VDD=2.7~6V,
VIC=VDD/2, No load
TA=25°C
80
85
dB
(Note 1)
75
VDD=3~5V,
VIC=VDD/2, No load
TA=25°C
85
95
(Note 1)
80
Supply Current (Per Channels)
IDD
VO=2.5V, No load
TA=25°C
0.55
0.65
mA
(Note 1)
1
Note: 1. TA= -40°C~125°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com