Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2462G-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # V2462G-S08-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2462G-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

  V2462G-S08-R Datasheet HTML 1Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 2Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 3Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 4Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 5Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 6Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 7Page - Unisonic Technologies V2462G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
V2462/V2464
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R105-042.b
OPWERAING CHARACTERISTICS (TA=25°C, unless otherwise specified)
VDD=3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Slew Rate at Unity Gain
SR
VO(PP)=0.8V, RL=10kΩ,
CL=160pF
TA=25°C
0.9
1.6
V/μs
(Note 1)
0.8
Equivalent Input Noise Voltage
VN
f=100Hz
16
nV/ Hz
f=1kHz
11
Equivalent Input Noise Current
IN
f=1kHz
0.13
pA/ Hz
Total Harmonic Distortion Plus Noise
THD+N
VO(PP)=2V, RL=10kΩ,
f=1kHz
AV=1
0.006
%
AV=10
0.02
AV=100
0.08
Gain-Bandwidth Product
f=10 kHz, CL=160pF, RL=10kΩ
5.2
MHz
Setting Time
tS
V(STEP)PP=2V,RL=10kΩ,
AV= -1, CL=10pF
0.1%
1.47
μs
0.01%
1.78
V(STEP)PP=2V,RL=10kΩ
AV= -1, CL=56pF,
0.1%
1.77
0.01%
1.98
Phase Margin at Unity Gain
φM
RL=10kΩ, CL=160pF
44°
Gain Margin
7
dB
Note: 1. TA=-40°C~125°C.
VDD=5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
Slew Rate at Unity Gain
SR
VO(PP)=2V,CL=160pF,
RL=10 kΩ
TA=25°C
0.9
1.6
V/μs
(Note 1)
0.8
Equivalent Input Noise Voltage
VN
f=100Hz
14
nV/ Hz
f=1kHz
11
Equivalent Input Noise Current
IN
f=1kHz
0.13
pA/ Hz
Total Harmonic Distortion Plus Noise
THD+N
VO(PP)=4V, RL=10kΩ,
f=1kHz
AV=1
0.004
%
AV=10
0.01
AV=100
0.04
Gain-Bandwidth Product
f=10 kHz, CL=160pF, RL=10kΩ
6.4
MHz
Setting Time
tS
V(STEP)PP=2V,RL=10kΩ,
AV= -1, CL=10pF
0.1%
1.53
μs
0.01%
1.83
V(STEP)PP=2V,RL=10kΩ,
AV= -1, CL=56pF
0.1%
3.13
0.01%
3.33
Phase Margin at Unity Gain
φM
RL=10kΩ, CL=160pF
45°
Gain Margin
7
dB
Note: 1. TA= -40°C~125°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com