Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAC3092AL-S20-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UAC3092AL-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092AL-S20-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UAC3092AL-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092AL-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UAC3092A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R121-005,B
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
Filter Buffer
Remote Sense
Lamp Collector
Lamp Base
Gnd
Oscillato Adjust
VREFΦ
Oscillator
Phase
Rate
Supply Regulation
Vcc3
Vcc1
Gnd
NC
Gate
Source
Undervoltage
VREF
11
12
13
14
15
16
17
18
19
20
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
FB
This pin provides Sense input or the Supply Regulation input.
2
Sense
The Sense input is input for the true battery voltage.
3
Lamp Collector and
Power-Up/Down
This pin connects to drive the fault lamp. It is also used to sense a closed ignition
switch (voltage sense).
4
Lamp Base
This pin provides base current to the fault lamp drive transistor (Q2).
5
Ground
This pin is for Ground return for the fault lamp control logic circuit.
6
Ground
IC ground
7
Oscillator Adjust
Connected to a resistor to ground that adjusts the internal oscillator frequency
8
VREFΦ
This is a pin for the 1.1 V ~ 1.4 V reference voltage test.
9
Oscillator
This is a pin for checking the operation of the internal oscillator.
10
Phase
The Phase input detects the existence of a magnetic field rotating within the
alternator.
11
Rate
The Rate pin is Load Response Control recovery rate selector pin used to select a
slow mode (floating) or fast mode (ground).
12
Supply Regulation
The Supply Regulation pin is used as a representation of the alternator output
voltage. This input also used to monitor overvoltage or load dump conditions.
13
Vcc3
Voltage supply for the internal Charge Pump.
14
Vcc1
Voltage supply for the entire IC except for the Charge Pump.
15
Ground
Ground for the IC.
16
N/C
No connection.
17
Gate
The Gate Controls of the MOSFET used to energize the field winding.
18
Source
MOSFET source reference for Field winding control.
19
Undervoltage
If this pin have voltage goes below 1.0 V, the fault lamp is turn on. The IC will
continue to function, but with limited performance.
20
VREF
Pin for the Band gap reference voltage 1.7 V ~ 2.3 V.
Note: Pin 8, and 20 are test points only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com