Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2462G-SM1-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # V2462G-SM1-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2462G-SM1-R Datasheet(HTML) 5 Page - Unisonic Technologies

  V2462G-SM1-R Datasheet HTML 1Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 2Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 3Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 4Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 5Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 6Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 7Page - Unisonic Technologies V2462G-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
V2462/V2464
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R105-042.b
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (Note 1)
VDD
6
V
Differential Input Voltage
VID
-0.2~VDD+0.2
V
Output Current
IO
±175
mA
Power Dissipation
TA ≤ 25 °C
SOP-8/MSOP-8
PD
710
mW
SOP-14
1022
TA < 125 °C
SOP-8/MSOP-8
142
SOP-14
204.4
Operating Free-Air Temperature
TA
-40~125
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-60~150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. All voltage values, except differential voltages, are with respect to GND.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-8/MSOP-8
θJA
176
°C/W
SOP-14
122.6
°C/W
Junction to Case
SOP-8/MSOP-8
θJC
38.3
°C/W
SOP-14
26.9
°C/W
RECOMMENDED OPWRAING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Single supply
VDD
2.7 ~ 6
V
Split supply
±1.35 ~ ±3
V
Common-Mode Input Voltage
VICR
0 ~ VDD
V
Operating Free-Air Temperature
TA
-40 ~ 125
°C
Note: 1. Relative to voltage on the GND terminal of the device.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
VDD=3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VDD=3V, VIC=1.5V,
VO=1.5V, RS=50Ω
TA=25°C
500
2000
μV
(Note 1)
2200
Input Offset Current
IIO
VDD=3V, VIC=1.5V,
VO=1.5V, RS=50Ω
TA=25°C
2.8
7
nA
(Note 1)
75
Input Bias Current
IIB
TA=25°C
4.4
14
nA
(Note 1)
75
High-Level Output Voltage
VOH
IOH= -2.5mA
TA=25°C
2.9
V
(Note 1)
2.8
IOH=-10mA
TA=25°C
2.7
(Note 1)
2.5
Low-Level Output Voltage
VOL
VIC=1.5V, IOL=2.5mA
TA=25°C
0.1
V
(Note 1)
0.2
VIC=1.5V, IOL=10mA
TA=25°C
0.3
(Note 1)
0.5
Short-Circuit Output Current
IOS
Sourcing
TA=25°C
50
mA
(Note 1)
20
Sinking
TA=25°C
40
(Note 1)
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com