Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2464G-S14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # V2464G-S14-R
Description  FAMILY OF LOW-POWER RAIL-TO-RAIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

V2464G-S14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  V2464G-S14-R Datasheet HTML 1Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 2Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 3Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 4Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 5Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 6Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 7Page - Unisonic Technologies V2464G-S14-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
V2462/V2464
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R105-042.b
PIN CONFIGURATION
1
1OUT
2
1IN-
3
1IN+
4
GND
8
VDD+
7
2OUT
6
2IN-
5
2IN+
V2462
1
1OUT
2
1IN-
3
1IN+
4
VDD+
14
4OUT
13
4IN-
12
4IN+
11
GND
5
2IN+
6
2IN-
7
2OUT
10
3IN+
9
3IN-
8
3OUT
V2464
PIN DESCRIPTION
UTC V2462:
PIN NO.
PIN NAME
DESCRIPTION
1
1OUT
Output terminal of CH1
2
1IN-
Negative input terminal of CH1
3
1IN+
Positive input terminal of CH1
4
GND
Ground
5
2IN+
Positive input terminal of CH2
6
2IN-
Negative input terminal of CH2
7
2OUT
Output terminal of CH2
8
VDD+
Supply voltage terminal
UTC V2464:
PIN NO.
PIN NAME
DESCRIPTION
1
1OUT
Output terminal of CH1
2
1IN-
Negative input terminal of CH1
3
1IN+
Positive input terminal of CH1
4
VDD+
Supply voltage terminal
5
2IN+
Positive input terminal of CH2
6
2IN-
Negative input terminal of CH2
7
2OUT
Output terminal of CH2
8
3OUT
Output terminal of CH3
9
3IN-
Negative input terminal of CH3
10
3IN+
Positive input terminal of CH3
11
GND
Ground
12
4IN+
Positive input terminal of CH4
13
4IN-
Negative input terminal of CH4
14
4OUT
Output terminal of CH4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com