Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APHHS1005LCGCK Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APHHS1005LCGCK
Description  Low power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHHS1005LCGCK Datasheet(HTML) 1 Page - Kingbright Corporation

  APHHS1005LCGCK Datasheet HTML 1Page - Kingbright Corporation APHHS1005LCGCK Datasheet HTML 2Page - Kingbright Corporation APHHS1005LCGCK Datasheet HTML 3Page - Kingbright Corporation APHHS1005LCGCK Datasheet HTML 4Page - Kingbright Corporation APHHS1005LCGCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAO4018
REV NO: V.1B
DATE: JUL/03/2015
PAGE: 1 OF 5
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: F.T.Liu
ERP: 1203015117
1.0X0.5mm SMD CHIP LED LAMP
Part Number: APHHS1005LCGCK
Green
Description
The Green source color devices are made with AlGaInP on
GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Features
1.0mmX0.5mm SMD LED, 0.5mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
Low current IF=2mA operating.
RoHS compliant.


Similar Part No. - APHHS1005LCGCK

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APHHS1005LCGCK TO-GRACE-APHHS1005LCGCK Datasheet
793Kb / 4P
1.0 x 0.5 mm SMD Chip LED Lamp
More results

Similar Description - APHHS1005LCGCK

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APT2012SYCK-J3-PRV KINGBRIGHT-APT2012SYCK-J3-PRV Datasheet
262Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com