Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB351 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB351
Description  35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB351 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB351 Datasheet HTML 1Page - Micro Commercial Components MB351 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB3505
THRU
MB3510
35 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-35
Features
•
Mounting Hole For #8 Screw
•
High Conductivity Metal Case
•
Any Mounting Position
•
Surge Rating Of 400 Amps
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB3505
MB3505
50V
35V
50V
MB351
MB351
100V
70V
100V
MB352
MB352
200V
140V
200V
MB354
MB354
400V
280V
400V
MB356
MB356
600V
420V
600V
MB358
MB358
800V
560V
800V
MB3510
MB3510
1000v
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35.0A
TC =
55°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 17.5A per
element;
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
1mA
TJ = 25
°C
TJ = 125
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
AC
+
-
A
AC
G
H
A
D
J
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.115
1.135
28.33
28.83
B
.427
.447
10.85
11.35
C
.428
.468
10.87
11.89
D
.688
.730
17.48
18.50
E
.618
.658
15.70
16.71
G
.193
---
4.90
---
∅
H
.618
.658
15.70
16.71
J
.530
.570
13.46
14.48
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MB351

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB351 RECTRON-MB351 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Bytes
MB351 BYTES-MB351 Datasheet
100Kb / 1P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB351 DCCOM-MB351 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB351 FORMOSA-MB351 Datasheet
41Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB351 TAITRON-MB351 Datasheet
145Kb / 4P
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
More results

Similar Description - MB351

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBPC3500S MCC-KBPC3500S Datasheet
90Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505-BC01 MCC-MB3505-BC01 Datasheet
42Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505 Datasheet
309Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB3505W MCC-MB3505W Datasheet
78Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
MB3505 MCC-MB3505_16 Datasheet
300Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505 MCC-MP3505_15 Datasheet
334Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP3505W MCC-MP3505W_13 Datasheet
199Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com