Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLKBPCN030C701 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # PLKBPCN030C701
Description  AC Input 90-264Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLKBPCN030C701 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLKBPCN030C701 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLKBPCN030C701 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 240VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
※
※
※
※
Reference
norm.
max.
32
42
min.
Model NO.
Part NO.
LED Power Supply
152 * 53 * 39.5 mm 【5.98 * 2.09 * 1.56 inch】
BPCN030C701
PLKBPCN030C701
Model Name
SIZE
◆ Protection: OVP / OTP / SCP
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
DC OUTPUT VOLTAGE RANGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT RANGE (A) *(5)
3000ms at full load 115VAC/230VAC
85%
BPCN030C701
90-264VAC, 127-373VDC, Normal:100-240VAC
COLD START 50A @ 230VAC
0.5A/110VAC
0.5mA/264VAC
2.6
0.03% / ℃ (0-50℃, typ)
SAFETY
TUV EN 61347-2-13 / CB / PSE
RELATIVE HUMIDITY
10 to +90%
EFFICIENCY(typ @Full Load)
SETUP, TURN ON DELAY TIME
LEAKAGE CURRENT
INPUT VOLTAGE RANGE
OVER TEMP. PROTECTION
INPUT FREQUENCY
-20 to +45℃@full load
SCP, OTP, OVP will restart automatically after the fault condition is removed
SHORT CIRCUIT PROTECTION
OVER V, PROTECTION
FEATURES
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
Module : BPCN030C701
◆ AC Input 90~264Vac
◆ High Operating ambient Temp: -20℃ ~ +45℃
◆ Safety: TUV / CB / PSE
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
DIMENSIONS(L*W*H)
STORAGE TEMPERATURE
-40 to +80℃
CE EN55015
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
(5)Minimum load is NOT required for proper operation .
0.77
Range:47-63Hz, Normal:50-60Hz
0.63
10
29.4 W
◆ ROHS Compliant
◆ EMC: CE
◆ Comply with Indoor
◆ Dimension (L*W*H):152 * 53 * 39.5 mm
◆ Dimension (L*W*H): 5.98 * 2.09 * 1.56 inch
152 * 53 * 39.5 mm 【5.98 * 2.09 * 1.56 inch】
10
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - PLKBPCN030C701

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLKBPCN030C112 LINKCOM-PLKBPCN030C112 Datasheet
101Kb / 2P
AC Input 90-264Vac
PLKBPCN030C142 LINKCOM-PLKBPCN030C142 Datasheet
101Kb / 2P
AC Input 90-264Vac
More results

Similar Description - PLKBPCN030C701

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCS0040172 LINKCOM-PLCCS0040172 Datasheet
110Kb / 2P
AC Input 90-264Vac
PLSP200228001 LINKCOM-PLSP200228001 Datasheet
109Kb / 2P
AC Input 90-264Vac
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
AC Input 90-264Vac
PLKBPCE030C701 LINKCOM-PLKBPCE030C701 Datasheet
100Kb / 2P
AC Input 90-264Vac
PLKBPCN030C142 LINKCOM-PLKBPCN030C142 Datasheet
101Kb / 2P
AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
AC Input 90-264Vac
PLKBPHE010C551 LINKCOM-PLKBPHE010C551 Datasheet
111Kb / 2P
AC Input 90-264Vac
PLKBPHE010C601 LINKCOM-PLKBPHE010C601 Datasheet
111Kb / 2P
AC Input 90-264Vac
PLSP200212002 LINKCOM-PLSP200212002 Datasheet
110Kb / 2P
AC Input 90-264Vac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com