Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLSP200212002 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # PLSP200212002
Description  AC Input 90-264Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

PLSP200212002 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  PLSP200212002 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. PLSP200212002 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 240VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
※
※
※
※
Reference
5
5
Model NO.
Part NO.
LED Power Supply
130.7 * 31.1 * 24.7 mm 【5.15 * 1.22 * 0.97 inch】
LSP200212002
PLSP200212002
Model Name
SIZE
SAFETY
TUV EN61347-2-13 / CB
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(7)
90-264VAC, 127-373VDC, Normal:100-240VAC
COLD START 50A @ 230VAC
0.6A/100VAC
short circuit protection will restart automatically after the fault condition is removed
OUTPUT CURRENT(A) *(5)
OVER CURRENT PROTECTION
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
SHORT CIRCUIT PROTECTION
O/P NOISE (P-P, mV) *(3)
INPUT VOLTAGE RANGE
LOAD REGULATION (%) *(6)
INRUSH CURRENT (typ)
AC CURRENT
Meet CE EN55022
130.7 * 31.1 * 24.7 mm【5.15 * 1.22 * 0.97 inch】
*(9)
-20 to +60℃@full load
-40 to +80℃
Module : LSP200212002
FEATURES
PRESET ACCURACY (%) *(8)
STORAGE TEMPERATURE
Shut down and latch off o/p voltage , re-power on to recover
Constant Current
OVER V, PROTECTION
DIMENSIONS(L*W*H)
INPUT FREQUENCY
TEMP. COEFFICIENT
EMI
OPERATING TEMP.*(4)
RELATIVE HUMIDITY
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
8
12
Range:47-63Hz, Normal:50-60Hz
200
83%
18 W
◆ AC Input 90~264Vac
◆ Protection: SCP / OVP / OCP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Safety: TUV / CB
nrom.
◆ EMC: Meet CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 130.7 * 31.1 * 24.7 mm
◆ Dimension (L*W*H): 5.15 * 1.22 * 0.97 inch
max.
0.03% / ℃ (0-50℃, typ)
10 to +90%, non-cond.
◆ ROHS Compliant
LSP200212002
1
1.5
min.
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - PLSP200212002

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLSP200212001 LINKCOM-PLSP200212001 Datasheet
109Kb / 2P
AC Input 90-264Vac
More results

Similar Description - PLSP200212002

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLCCS0040172 LINKCOM-PLCCS0040172 Datasheet
110Kb / 2P
AC Input 90-264Vac
PLSP200228001 LINKCOM-PLSP200228001 Datasheet
109Kb / 2P
AC Input 90-264Vac
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
AC Input 90-264Vac
PLKBPCE030C701 LINKCOM-PLKBPCE030C701 Datasheet
100Kb / 2P
AC Input 90-264Vac
PLKBPCN030C112 LINKCOM-PLKBPCN030C112 Datasheet
101Kb / 2P
AC Input 90-264Vac
PLKBPCN030C142 LINKCOM-PLKBPCN030C142 Datasheet
101Kb / 2P
AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
AC Input 90-264Vac
PLKBPHE010C551 LINKCOM-PLKBPHE010C551 Datasheet
111Kb / 2P
AC Input 90-264Vac
PLKBPHE010C601 LINKCOM-PLKBPHE010C601 Datasheet
111Kb / 2P
AC Input 90-264Vac
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com