Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB406 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB406
Description  40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB406 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB406 Datasheet HTML 1Page - Micro Commercial Components MB406 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB4005
THRU
MB4010
40 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MB-50
Features
•
Mounting Hole For #8 Screw
•
Plastic Case With Metal Bottom
•
Any Mounting Position
•
Surge Rating Of 400 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
1.140
---
29.00
B
---
.452
---
11.50
C
.425
.480
10.80
12.20
D
.693
.732
17.54
18.6
E
.637
.677
16.20
17.20
G
.188
---
4.77
---
∅
H
.633
.673
16.10
17.10
J
.543
.582
13.80
14.80
Maximum Ratings
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB4005
MB4005
50V
35V
50V
MB401
MB401
100V
70V
100V
MB402
MB402
200V
140V
200V
MB404
MB404
400V
280V
400V
MB406
MB406
600V
420V
600V
MB408
MB408
800V
560V
800V
MB4010
MB4010
1000v
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
40.0A
TJ = 55
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 20A per
element;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
0.5mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
AC
+
-
A
AC
G
H
A
D
J
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MB406

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MB406 TAITRON-MB406 Datasheet
146Kb / 4P
40A Single-Phase Bridge Rectifier
logo
MIC GROUP RECTIFIERS
MB406 MIC-MB406 Datasheet
100Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
MB406 WINNERJOIN-MB406 Datasheet
146Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB406W MCC-MB406W Datasheet
77Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB406

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB4005W MCC-MB4005W Datasheet
77Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP4005 MCC-MP4005 Datasheet
77Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP4005W MCC-MP4005W Datasheet
109Kb / 2P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP4005W MCC-MP4005W_13 Datasheet
152Kb / 3P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP4005 MCC-MP4005_13 Datasheet
232Kb / 3P
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com