Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB88 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MB88
Description  8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MB88 Datasheet(HTML) 1 Page - Micro Commercial Components

  MB88 Datasheet HTML 1Page - Micro Commercial Components MB88 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB805
THRU
MB810
8 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
BR-6
Features
•
Mounting Hole For #6 Screw
•
Ceramic Case
•
Any Mounting Position
•
Surge Rating Of 125 Amps
DIMENSIONS
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MB805
MB805
50V
35V
50V
MB81
MB81
100V
70V
100V
MB82
MB82
200V
140V
200V
MB84
MB84
400V
280V
400V
MB86
MB86
600V
420V
600V
MB88
MB88
800V
560V
800V
MB810
MB810
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8.0A
TC = 50
°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IFM = 4.0A per
element;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
D
A
AC
+
-
A
AC
G
www.mccsemi.com
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.578
.618
14.69
15.71
2PL
B
.230
.270
5.84
6.86
C
.750
---
19.10
---
D
.405
.444
10.30
11.30
2PL
E
.038
.042
0.97
1.07
4PL/TYP
G
.145
---
3.70
---
∅
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MB88

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB88 MCC-MB88 Datasheet
123Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB88-BP MCC-MB88-BP Datasheet
123Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
fujitsu semiconductor
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A Datasheet
157Kb / 19P
A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
150Kb / 18P
A/D Converter (With 4-channel Input at 12-bit Resolution)
More results

Similar Description - MB88

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS801 MCC-RS801 Datasheet
37Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB805 MCC-MB805_08 Datasheet
123Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU801 KISEMICONDUCTOR-KBU801 Datasheet
733Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB805 MCC-MB805_11 Datasheet
154Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PB805 MCC-PB805 Datasheet
394Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS801 MCC-RS801_16 Datasheet
198Kb / 3P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com