Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2040CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR2040CT
Description  20 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR2040CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR2040CT Datasheet HTML 1Page - Micro Commercial Components MBR2040CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR2020CT
THRU
MBR20100CT
20 Amp
Schottky
Barrier Rectifier
Features
•
Meatl of Silicon Rectifier, Majority Conducton
•
Guard ring for transient protection
•
Low Forward Voltage Drop
•
High Current Capability, High Efficiency
•
Low Power Loss
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2020CT
20V
14V
20V
MBR2030CT
30V
21V
30V
MBR2035CT
35V
24.5V
35V
MBR2040CT
40V
28V
40V
MBR2045CT
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TA = 120
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
2020CT-2045CT
2060CT
VF
.70V
.80V
          

 


 !"#
$%    !"#
MCC
www.mccsemi.com
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
2020CT-2045CT
2060CT
.84V
.95V
2080CT-20100CT
.95V
IFM = 20A;
TA =25
°C
IFM = 10A;
TA =25
°C
2080CT-20100CT
.85V
2020CT-2045CT
2060CT
.72V
.85V
2080CT-20100CT
.85V
IFM = 20A;
TA =125
°C
MBR20100CT
100V
70V
100V
MBR2080CT
80V
56V
80V
MBR2060CT
60V
42V
60V

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.090
.110
2.29
2.79
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
IR
20 to 100 Volts
TO-220AB
PIN
13
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
•
Typical Thermal Resistance 2°C/W Junction to Case
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
2020CT~2045CT
2060CT~20100CT
2020CT~2045CT
2060CT~20100CT
TA = 25°C
TA = 125°C
0.1mA
0.15mA
50mA
150mA


Similar Part No. - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
MBR2040CT DIODES-MBR2040CT Datasheet
67Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. 9 - 2
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR2040CT BILIN-MBR2040CT Datasheet
353Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR2040CT SIRECTIFIER-MBR2040CT Datasheet
103Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_08 Datasheet
188Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com