Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC024NE2LS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSC024NE2LS
Description  Material Content Data Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC024NE2LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSC024NE2LS Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
BSC024NE2LS
Issued
14. August 2015
MA#
MA001015214
Package
PG-TDSON-8-6
Weight*
118.18 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
0.393
0.33
0.33
3322
3322
leadframe
non noble metal
iron
7439-89-6
0.038
0.03
320
inorganic material
phosphorus
7723-14-0
0.011
0.01
96
non noble metal
copper
7440-50-8
37.762
31.96
32.00
319521
319937
wire
noble metal
gold
7440-57-5
0.046
0.04
0.04
385
385
encapsulation
organic material
carbon black
1333-86-4
0.088
0.07
745
plastics
epoxy resin
-
6.251
5.29
52894
inorganic material
silicondioxide
60676-86-0
37.683
31.89
37.25
318854
372493
leadfinish
non noble metal
tin
7440-31-5
1.470
1.24
1.24
12437
12437
plating
noble metal
silver
7440-22-4
0.166
0.14
0.14
1401
1401
solder
noble metal
silver
7440-22-4
0.016
0.01
131
non noble metal
tin
7440-31-5
0.012
0.01
105
non noble metal
lead
7439-92-1
0.592
0.50
0.52
5012
5248
heatspreader
non noble metal
iron
7439-89-6
0.011
0.01
96
inorganic material
phosphorus
7723-14-0
0.003
0.00
29
non noble metal
copper
7440-50-8
11.320
9.58
9.59
95785
95910
heat sink CLIP
non noble metal
iron
7439-89-6
0.022
0.02
189
inorganic material
phosphorus
7723-14-0
0.007
0.01
57
non noble metal
copper
7440-50-8
22.292
18.86
18.89
188621
188867
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and contains Pb according RoHS exemption
7a, Lead in high melting temperature type solders.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - BSC024NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC024NE2LS INFINEON-BSC024NE2LS Datasheet
1Mb / 12P
n-Channel Power MOSFET
2.0, 2011-03-01
BSC024NE2LS INFINEON-BSC024NE2LS Datasheet
1Mb / 12P
n-Channel Power MOSFET
2.1, 2011-09-20
BSC024NE2LS INFINEON-BSC024NE2LS_11 Datasheet
1Mb / 12P
n-Channel Power MOSFET
2.1, 2011-09-20
More results

Similar Description - BSC024NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA000851438 INFINEON-MA000851438 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000859868 INFINEON-MA000859868 Datasheet
28Kb / 1P
Material Content Data Sheet
28. August 2013
MA000870990 INFINEON-MA000870990 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA000979032 INFINEON-MA000979032 Datasheet
28Kb / 1P
Material Content Data Sheet
29. August 2013
MA000990710 INFINEON-MA000990710 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001056742 INFINEON-MA001056742 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001082472 INFINEON-MA001082472 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001095596 INFINEON-MA001095596 Datasheet
29Kb / 1P
Material Content Data Sheet
28. August 2013
MA001114474 INFINEON-MA001114474 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
MA001145362 INFINEON-MA001145362 Datasheet
29Kb / 1P
Material Content Data Sheet
29. August 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com