Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3040CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR3040CT
Description  30 Amp Rectifier 30 to 60 Volts Schottky Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR3040CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR3040CT Datasheet HTML 1Page - Micro Commercial Components MBR3040CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3030CT
THRU
MBR3060CT
30 Amp
Rectifier
30 to 60 Volts
Features
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
MCC
Part Number
Maximum
Rcurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR3030CT
30V
21V
30V
MBR3035CT
35V
24.5V
35V
MBR3040CT
40V
28V
40V
MBR3045CT
45V
31.5V
45V
MBR3050CT
50V
35V
50V
MBR3060CT
60V
42V
60V
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of silicon rectifier, majority carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.090
.110
2.29
2.79
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
30 A
TC =1
00°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.2 mA T
J = 25
°C
Typical Junction
Capacitance
CJ
Measured at
1.0MHz, VR=4.0V
MBR3030CT-3045CT
MBR3050CT-3060CT
.84 V
.95 V
MBR3030CT-3045CT
MBR3050CT-3060CT
*Pulse Test: Pulse Width 300µsec, Duty Cycle 1%
400pF
450pF
TO-220AB
MBR3030CT-3045CT
MBR3050CT-3060CT
.72 V
.85 V
PIN
13
2
TJ = 125
°C
IFM = 30.0A;
TJ = 25
°C
VF
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
MCC


Similar Part No. - MBR3040CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR3040CT ETC1-MBR3040CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Pan Jit International I...
MBR3040CT PANJIT-MBR3040CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR3040CT BILIN-MBR3040CT Datasheet
309Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR3040CT SIRECTIFIER-MBR3040CT Datasheet
102Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Compact Technology Corp...
MBR3040CT CTC-MBR3040CT Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR3040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3030CT MCC-MBR3030CT_08 Datasheet
118Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR3030CT KERSEMI-MBR3030CT Datasheet
852Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3035CT KERSEMI-MBR3035CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3045CT KERSEMI-MBR3045CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3050CT KERSEMI-MBR3050CT Datasheet
852Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3060CT KERSEMI-MBR3060CT Datasheet
492Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBR3030CT KERSEMI-MBR3030CT Datasheet
851Kb / 2P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Micro Commercial Compon...
MBR2535FCT MCC-MBR2535FCT_13 Datasheet
243Kb / 3P
30 Amp Schottky Barrier Rectifier 35 to 60 Volts
MBRB3030CT MCC-MBRB3030CT Datasheet
245Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
MBRB3030CT MCC-MBRB3030CT_17 Datasheet
257Kb / 3P
30 Amp Schottky Barrier Rectifier 30 to 60 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com