Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR3045CT
Description  30 Amp Rectifier 30 to 60 Volts Schottky Barrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR3045CT Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR3045CT Datasheet HTML 1Page - Micro Commercial Components MBR3045CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
50
100
150
200
250
300
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
10
0
50
40
175
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0.001
0.1
1.0
100
10
60
80
100
TJ = 125 C
0.01
TJ = 25 C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
30
0
20
RESISTIVE OR
INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
1.0
0.9
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
MBR3030CT ~ MBR3045CT
MBR3050CT ~ MBR3060CT
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
10000
1000
100
0.1
CASE TEMPERATURE , C
0
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3030CT ~ MBR3045CT
MBR3050CT ~ MBR3060CT
MBR3030CT ~ MBR3045CT
4
TJ = 25 C, f= 1MHz
MCC
www.mccsemi.com
RATING AND CHARACTERISTIC CURVES
MBR3030CT thru MBR3060CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com