Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR40045CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR40045CT
Description  400 Amp Rectifier 20 to 100 Volts Schottky Barrier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR40045CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR40045CT Datasheet HTML 1Page - Micro Commercial Components MBR40045CT Datasheet HTML 2Page - Micro Commercial Components MBR40045CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR40020CT
THRU
MBR300100CT
400 Amp
Rectifier
20 to 100 Volts
Features
•
Operating Temperature: -65
°C to +150°C
•
Storage Temperature: -65
°C to +150°C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR40020CT
20V
14V
20V
MBR40030CT
30V
21V
30V
MBR40035CT
35V
24.5V
35V
MBR40040CT
40V
28V
40V
MBR40045CT
45V
31.5V
45V
MBR40060CT
60V
42V
60V
MBR40080CT
80V
56V
80V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
400 A
TL =
125°C
Peak Forward Surge
Current
IFSM
3000A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
IFM = 200 A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 mA
TA = 25
°C
Typical Junction
Capacitance
CJ
300pF
Measured at
1.0MHz, VR=4.0V
DIMENSIONS
INCH
ES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
1.565
1.585
39.75
40.26
A
3.150
NOM
80.01
NOM
C
.700
.800
17.78
20.32
E
.119
.132
3.02
3.35
G
3.55
3.65
90.17
92.71
F
1.375
REF
34.92
REF
H
.590
.620
14.99
15.75
J
1/4 -
UNF
FULL
K
.380
.410
9.65
10.41
www.mccsemi.com
Schottky Barrier
Maximum Ratings
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
40020-40045CT
40060CT
40080-400100CT
.63 V
.84 V
.75 V
MBR400100CT
100V
70V
100V
FULL PACK
∅
A
B
C
D
E
F
G
H
J
K
L
M
L
.185
.195
4.70
4.95
L
.275
.295
6.99
7.49
∅
∅
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBR40045CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MBR40045CT MICROSEMI-MBR40045CT Datasheet
163Kb / 2P
SCHOTTKY POWERMOD
logo
TRANSYS Electronics Lim...
MBR40045CT TEL-MBR40045CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 400A
logo
Microsemi Corporation
MBR40045CT MICROSEMI-MBR40045CT Datasheet
123Kb / 2P
Schottky PowerMod
logo
List of Unclassifed Man...
MBR40045CT ETC2-MBR40045CT Datasheet
524Kb / 2P
High Surge Capability
logo
Naina Semiconductor ltd...
MBR40045CT NAINA-MBR40045CT Datasheet
136Kb / 2P
Silicon Schottky Diode, 400A
More results

Similar Description - MBR40045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2020CT MCC-MBRB2020CT Datasheet
96Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2020CT MCC-MBRF2020CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2020CT MCC-MBR2020CT_13 Datasheet
279Kb / 3P
20 Amp 20 to 100 Volts Barrier Rectifier Schottky
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com