Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB2530 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB2530
Description  25 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB2530 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB2530 Datasheet HTML 1Page - Micro Commercial Components MBRB2530 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRB2520
THRU
MBRB25100
25 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Meatl of Silicon Rectifier, Majority Conducton
•
Guard ring for transient protection
•
Low Forward Voltage Drop
•
High Current Capability, High Efficiency
•
Low Power Loss
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRB2520
20V
14V
20V
MBRB2530
30V
21V
30V
MBRB2535
35V
24.5V
35V
MBRB2540
40V
28V
40V
MBRB2545
45V
31.5V
45V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
25 A
TA = 130
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
2520CT-2540CT
2545CT-2560CT
VF
.63V
.75V
IFM = 25 A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.2mA
TA = 25
°C
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.380
8.64
9.65
B
.380
.405
9.65
10.29
C
.160
.190
4.06
4.83
D
.020
.035
.051
0.89
www.mccsemi.com
D
D
D
D2222-PACK
-PACK
-PACK
-PACK
A
S
V
B
D
G
C
E
J
K
H
1
2
3
4
H
.080
.110
2.03
2.79
J
.018
.025
0.46
0.64
K
.090
.110
2.29
2.79
S
.575
.625
14.60
15.88
E .
.45
.055
1.14
1.40
G
.100
BSC
2.54
BSC
V
.045
.055
1.14
1.40
MBRB25100
100V
70V
100V
MBRB2580
80V
56V
80V
MBRB2560
60V
42V
60V
2580CT-25100CT
.84V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBRB2530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRB2530CT MCC-MBRB2530CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Sangdest Microelectroni...
MBRB2530CT SMC-MBRB2530CT Datasheet
232Kb / 7P
SCHOTTKY RECTIFIER
logo
Diode Semiconductor Kor...
MBRB2530CT DSK-MBRB2530CT Datasheet
372Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRB2530CT MCC-MBRB2530CT Datasheet
215Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
SMC Diode Solutions Co....
MBRB2530CT SMCDIODE-MBRB2530CT Datasheet
742Kb / 4P
MBRB2530CT SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRB2530

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520 MCC-MBR2520 Datasheet
98Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2520CT MCC-MBR2520CT Datasheet
99Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB2520CT MCC-MBRB2520CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF2520CT MCC-MBRF2520CT Datasheet
400Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2540CT KERSEMI-MBR2540CT Datasheet
820Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2545 KERSEMI-MBR2545 Datasheet
819Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR2520CT MCC-MBR2520CT_14 Datasheet
243Kb / 3P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com