Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB830 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRB830
Description  Schott ky Barrier Rectifier 20 to 100 Volts 8.0 Am p
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRB830 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRB830 Datasheet HTML 1Page - Micro Commercial Components MBRB830 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRB820
THRU
MBRB8100
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Low Power Loss
•
High Efficiency
•
Low Leakage Current
•
High Current Capability
•
High Surge Capacity
Maximum Ratings
•
Operating Temperature: -55
°C to +150 °C
•
Storage Temperature: - 55
to +150
°C
MCC
Catalog
Number
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRB820
20V
14V
20V
MBRB830
30V
21V
30V
MBRB840
40V
28V
40V
MBRB850
50V
35V
50V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8A
TA = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
*Pulse Test: Pulse Width 200
µsec, Duty Cycle 1%
www.mccsemi.com


INCHES
MM






A
.387
.409
9.8
10.4
B
.335
.357
8.5
9.1
MBRB880
80V
56V
80V
MBRB8100
100V
70V
100V
8.0 Amp
A
J
I
F
H
L
D
H
K
G
4
3
2
1
4
3
C
B
E
E
.700
1.8
L
.011
.026
0.3
0.7
50mA
TA = 100
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
TA = 25
°C
MBRB820-40
VF
.55V
IFM = 8A;
MBRB850-60
.75V
TJ = 25
°C
MBRB880-100
.85V
C
.378
.418
9.6
10.6
D
.197
.236
5.0
6.0
F
.039
.055
1.0
1.4
G
---
.035
---
0.9
H
.092
.108
2.35
2.75
I
.137
.189
4.4
4.8
J
.047
.055
1.2
1.4
K
-0.012
+0.012
-0.3
+0.3
MBRB860
60V
42V
60V
°C
2
D PAK
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MBRB830

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MBRB830 BILIN-MBRB830 Datasheet
331Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBRB830 MCC-MBRB830 Datasheet
225Kb / 3P
8.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diode Semiconductor Kor...
MBRB830 DSK-MBRB830 Datasheet
218Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBRB830 MCC-MBRB830 Datasheet
212Kb / 3P
Schottky Barrier Rectifier 20 to 100 Volts 8.0 Amp
More results

Similar Description - MBRB830

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1030CT MCC-MBR1030CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
MBR1080CT MCC-MBR1080CT Datasheet
881Kb / 2P
10 Am p Schott ky Barrier Rectifier 80-100 Volts
MBR1620CT MCC-MBR1620CT Datasheet
919Kb / 2P
16 Amp Schott ky Barr ier Rectifier 20 to 60 Volts
MBR1030CT MCC-MBR1030CT_08 Datasheet
167Kb / 3P
10 Amp Schott ky Barrier Rectifier 30-60 Volts
MBR1080CT MCC-MBR1080CT_08 Datasheet
153Kb / 3P
10 Amp Schott ky Barrier Rectifier 80-100 Volts
logo
Kersemi Electronic Co.,...
MBR10100CT KERSEMI-MBR10100CT Datasheet
1Mb / 2P
10AMp Schott ky Barrier Rectifier 80-100 Volts
logo
DONGGUAN YOU FENG WEI E...
MBR20100CT-TO220F YFWDIODE-MBR20100CT-TO220F Datasheet
360Kb / 2P
TO- 220F SCHOTT KY BARRIER RECTIFIERS
MBRF10200-TO220F YFWDIODE-MBRF10200-TO220F Datasheet
301Kb / 2P
TO- 220F SCHOTT KY BARRIER RECTIFIERS
MBR20100CT YFWDIODE-MBR20100CT Datasheet
360Kb / 2P
SCHOTT KY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1080CT MCC-MBR1080CT_13 Datasheet
268Kb / 3P
10 Amp Schott ky Barrier Rectifier 80-100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com