Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1040CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRF1040CT
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRF1040CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRF1040CT Datasheet HTML 1Page - Micro Commercial Components MBRF1040CT Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF1020CT
THRU
MBRF10100CT
10 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
•
Low Power Loss
•
High Efficiency
•
Low Forward Voltage , High Current Capability
•
High surge capacity
•
Case : ITO-220AB Full Molded Plastic Package
Maximum Ratings
•
Operating Junction Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1020CT-1045CT
1050CT-1060CT
VF
.55V
.75V
IFM = 5A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
          

MCC
www
.
mccsemi.com
ITO-220AB
TJ = 25
°C
PIN 1
PIN 3
PIN 2
A
B
C
K
J
I
H
G
E
D
N
M
L
H
PIN
13
2

INCHES
MM






A
.583
.606
14.80
15.40
B
---
.406
---
10.30
N
.098
.114
2.50
2.90

IR
1080CT-10100CT
.85V
O
F
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
---
.071
---
1.80
G
.512
.543
13.00
13.80
H
.100
2.55
I
---
.035
---
0.90
J
---
.032
---
0.80
K
.118
.134
3.00
3.40
L
---
.189
---
4.80
M
---
.130
---
3.30
O
---
.055
---
1.40
0.5mA
TC = 25
°C
50mA
TC = 100
°C
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBRF1030CT
F1030CT
30V
21V
30V
MBRF1040CT
F1040CT
40V
28V
40V
MBRF1020CT
F1020CT
20V
14V
20V
MBRF1045CT
F1045CT
45
V
31.5
V
45
V
MBRF10100CT F10100CT
100V
70V
100V
MBRF1050CT
F1050CT
50V
35V
50V
MBRF1060CT
F1060CT
60V
42V
60V
MBRF1080CT
F1080CT
80V
56V
80V


Similar Part No. - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1040CT ETC1-MBRF1040CT Datasheet
59Kb / 2P
Dual Schottky Rectifiers
logo
Diotech Company.
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
896Kb / 2P
SCHOTTKY BARRIER RECTIFIER
MBRF1040CT DIOTECH-MBRF1040CT Datasheet
971Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Rugao Dachang Electroni...
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
logo
Tiger Electronic Co.,Lt...
MBRF1040CT TGS-MBRF1040CT Datasheet
396Kb / 2P
TO-220F Plastic-Encapsulate Diodes
More results

Similar Description - MBRF1040CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020F MCC-MBR1020F Datasheet
382Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020_17 Datasheet
434Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020F MCC-MBR1020F_13 Datasheet
195Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com