Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ413 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MJ413
Description  10 Amp NPN Silicon Power Transistors 125W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MJ413 Datasheet(HTML) 2 Page - Micro Commercial Components

  MJ413 Datasheet HTML 1Page - Micro Commercial Components MJ413 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(OHFWULFDO &KDUDFWHULVWLFV # °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage
(1)
(IC=100mA, IB=0)
VCEO(sus)
325
---
Vdc
Collector Cutoff Current
(VCE=400V, VEB(off)=1.5V)
MJ413 MJ423
MJ431
(VCE=400V, VEB(off)=1.5V,
MJ413 MJ423
TC=125
:)
MJ431
ICEX
0.25
2.5
0.5
5.0
mAdc
Emitter Cutoff Current
(VBE=5.0Vdc, IC=0)
MJ413 MJ423
MJ431
IEBO
5.0
2.0
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC=0.5A, VCE=5.0V)
MJ413
(IC=1.0A, VCE=5.0V)
(IC=1.0A, VCE=5.0V)
MJ423
(IC=2.5A, VCE=5.0V)
(IC=2.5A, VCE=5.0V)
MJ431
(IC=3.0A, VCE=5.0V)
hFE
20
15
30
10
15
10
80
90
35
Collector-Emitter Saturation Voltage
(IC=0.5A, IB=0.05A)
MJ413
(IC=1.0A, IB=0.1A)
MJ423
(IC=2.5A, IB=0.5A)
MJ431
VCE(sat)
0.6
0.8
0.7
Vdc
Base-Emitter Saturation Voltage
(IC=0.5A, IB=0.05A)
MJ413
(IC=1.0A, IB=0.1A)
MJ423
(IC=2.5A, IB=0.5A)
MJ431
VBE(sat)
1.25
1.25
1.50
Vdc
DYNAMIC CHARACTERISTICS
Current Gain – Bandwidth Product
(IC=200mA, VCE=10V, f=1.0MHz)
fT
2.5
MHz
(1) Pulse Test: Pulse Width
 V 'XW\ &\FOH2.0%
www.mccsemi.com
MCC
MJ413, MJ423 & MJ431



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com