Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCVGA7C5G-R16-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # CCVGA7C5G-R16-T
Description  VGA PORT COMPANION CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CCVGA7C5G-R16-T Datasheet(HTML) 2 Page - Unisonic Technologies

  CCVGA7C5G-R16-T Datasheet HTML 1Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 2Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 3Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 4Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 5Page - Unisonic Technologies CCVGA7C5G-R16-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CCVGA7C5
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R223-021.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
HSYNC_OUT
Horizontal sync signal buffer output. Connects to the video connector side of the
horizontal sync line.
2
HSYNC
Horizontal sync signal buffer input. Connects to the VGA Controller side of the
horizontal sync line.
3, 11
GNDD
Digital ground reference supply pin.
4
VRGB
VRGB supply pin. This is an isolated supply pin for the R, G and B ESD protection
circuits.
5
B
Blue signal video protection channel. This pin is typically tied to the B video line
between the VGA controller device and the video connector.
6
G
Green signal video protection channel. This pin is typically tied to the G video line
between the VGA controller device and the video connector.
7
R
Red signal video protection channel. This pin is typically tied to the R video line
between the VGA controller device and the video connector.
8
GNDA
Analog ground reference supply pin.
9, 16
VCC
VCC supply pin. This is the main supply input for the DDC_CLK and DDC_DATA pullup
resistors and ESD protection circuits. It is also connected to the sync buffers and to the
ESD protection diodes present on the HSYNC_OUT and VSYNC_OUT lines.
10
DDC_DATA
DDC data pin.
12
DDC_CLK
DDC clock pin.
13
VAUX
VAUX supply pin. This is the supply input for the 50kΩ pullups connected to the HSYNC
and VSYNC buffer inputs.
14
VSYNC
Vertical sync signal buffer input. Connects to the VGA Controller side of the vertical
sync line.
15
VSYNC_OUT
Vertical sync signal buffer output. Connects to the video connector side of the vertical
sync line.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com