Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM556G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM556G-S14-R
Description  DUAL TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM556G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM556G-S14-R Datasheet HTML 1Page - Unisonic Technologies LM556G-S14-R Datasheet HTML 2Page - Unisonic Technologies LM556G-S14-R Datasheet HTML 3Page - Unisonic Technologies LM556G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM556
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R106-004.D
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
Power Dissipation
PD
600
mW
Lead Temperature(soldering 10 sec.)
TLEAD
300
°C
Operating Temperature
TOPR
-20~85
°C
Storage Temperature
TSTG
-65~150
°C
ELECTRICAL CHARACTERISTICS ( TA=25°C ,VCC=5 to 15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
VCC
4.5
16
V
VCC=5V, RL=
5
12
mA
Supply Current(two timers)
(low state), (Note 1)
ICC
VCC=15V, RL=
16
30
mA
Timing Error(monostable)
Initial Accuracy(Note 2)
ACCUR
0.75
%
Drift with Temperature
t/T
50
ppm/°C
Drift with Supply Voltage
t/VCC
RA=2KΩ to 100KΩ
C=0.1μF, T=1.1RC
0.1
%/V
Timing Error(astable)
Initial Accuracy(Note 2)
ACCUR
2.25
%
Drift with Temperature
t/T
150
ppm/°C
Drift with Supply Voltage
t/VCC
RA=1KΩ to 100KΩ
C=0.1μF, VCC=15V
0.3
%/V
VCC=15V
9.0
10.0
11.0
V
Control Voltage
VC
VCC=5V
2.6
3.33
4.0
V
VCC=15V
8.8
10.0
11.2
V
Threshold Voltage
VTH
VCC=5V
2.4
3.33
4.2
V
Threshold Current(Note 3)
ITH
30
250
nA
VCC=5V
1.1
1.6
2.2
V
Trigger Voltage
VtR
VCC=15V
4.5
5
5.6
V
Trigger Current
ItR
VtR=0
0.01
2.0
μA
Reset Voltage(Note 4)
Vrst
0.4
0.6
1.0
V
Reset Current
Irst
0.03
0.6
mA
0.1
0.25
V
0.4
0.75
V
2
3.2
V
VCC=15V, ISINK=10mA
VCC=15V, ISINK=50mA
VCC=15V, ISINK=100mA
VCC=15V, ISINK=200mA
2.5
V
0.15
0.25
V
Low Output Voltage
VOL
VCC=5V, ISINK=5mA
VCC=5V, ISINK=8mA
0.25
0.35
V
12.5
V
VCC=15V, ISOURCE=200mA
VCC=15V, ISOURCE=100mA
12.75
13.3
V
High Output Voltage
VOH
VCC=5V, ISOURCE=100mA
2.75
3.3
V
Rise Time of Output
tR
100
300
nSec
Fall Time of Output
tF
100
300
nSec
Discharge Leakage Current
ILKG
20
100
nA
Matching Parameter
Initial Accuracy(Note 5)
ACCUR
1
2
%
Drift with Temperature
t/T
10
ppm/°C
Drift with Supply Voltage
t/VCC
RA, RB=1KΩ to 100KΩ
C=0.1μF, VCC=15V
0.2
0.5
%/V
Notes: 1.Supply current when output is high is typically 1mA less at VCC 5V.
2. Tested at VCC=5V and VCC=15V.
3: This will determine the maximum value of RA+RB for 15V operation, The maximum total is R=20MΩ, and
for 5V operation the maximum total is R=6.6MΩ.
4: As reset voltage lower, timing is inhibited and then the output goes low.
5: Matching parameters refer to the difference between performance parameters of each timer section in the
monostable mode.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com