Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJXXXXXG-SMB-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SMBJXXXXXG-SMB-R
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMBJXXXXXG-SMB-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SMBJXXXXXG-SMB-R Datasheet HTML 1Page - Unisonic Technologies SMBJXXXXXG-SMB-R Datasheet HTML 2Page - Unisonic Technologies SMBJXXXXXG-SMB-R Datasheet HTML 3Page - Unisonic Technologies SMBJXXXXXG-SMB-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJXXXXX
TVS
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R229-001.B
ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Power Dissipation with a 10/1000μs Waveform (Note 2)
PPP
600
W
Peak Pulse Current with a 10/1000μs Waveform (Note 2)
IPP
See ELECTRICAL
CHARACTERISTICS Table
A
Power Dissipation On Infinite Heatsink at TL= 75°C
PD
5.0
W
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Unidirectional Only (Note 3)
IFSM
100
A
Maximum Instantaneous Forward Voltage at 50 A for
Unidirectional Only (Note 4)
VF
3.5/5.0
V
Operating Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Non-repetitive current pulse and derated above TA=25°C
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum.
4. VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted)
PART NUMBER
(Uni)
PART NUMBER
(Bi)
BREAKDOWN
VOLTAGE VBR @ IT
MAXIMUM
REVERSE
LEAKAGE
IR @ VRWM
(µA)
WORKING
PEAK
REVERSE
VOLTAGE
VRWM (V)
MAXIMUM
REVERSE
SURGE
CURRENT
IPP
(A)
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
(V)
MIN
(V)
MAX
(V)
IT (mA)
SMBJ5A
SMBJ5CA
6.40
7.00
10
800
5.0
65.22
9.2
SMBJ6A
SMBJ6CA
6.67
7.37
10
800
6.0
58.25
10.3
SMBJ6V8A
SMBJ6V8CA
6.46
7.14
10
1000
5.8
57.14
10.5
SMBJ12A
SMBJ12CA
11.40
12.60
1
5
10.2
35.93
16.7
SMBJ20A
SMBJ20CA
19.00
21.00
1
1
17.1
21.66
27.7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com